PART |
Description |
Maker |
M25PX64 M25PX64-VME6E M25PX64-VME6F M25PX64-VMF6E |
64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
|
Numonyx B.V http://
|
M25PX32 |
32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
|
Numonyx B.V
|
AT89C51AC3 |
8-bit microcontroller with A/D converter and 64-Kbyte Flash. 2-Kbyte RAM, 2-Kbyte EEPROM, SPI. Power Fail Detect (no need for external ...
|
Atmel
|
ATMEGA3290P ATMEGA329PV-20MU ATMEGA3290PV ATMEGA32 |
8-bit Microcontroller with 32K Bytes In-System Programmable Flash 32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-KByte EEPROM, 8 Channel 10-bit A/D-c
|
ATMEL[ATMEL Corporation]
|
ST10F272Z2 ST10F272Z208 |
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
|
STMicroelectronics
|
ST10F271B ST10F271E |
16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
|
STMicroelectronics
|
ST10F276E ST10F276R-6Q3 |
16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
|
STMicroelectronics
|
N25Q128A13TSF40E N25Q128A13TSF40F N25Q128A13TSF40G |
128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
|
Numonyx B.V
|
BUT102 |
3.3V range 8-bit MCU for automotive with 16/32 Kbyte Flash or 16 Kbyte ROM, 10-bit ADC, 4 timers, SPI and SCI interfaces 晶体管|晶体管|进步党| 300V五(巴西)总裁| 50A条一(c)|
|
STMicroelectronics N.V.
|
S79FL256S |
256 Mbit (32 MB)/512 Mbit (64 MB), 3 V, Dual-Quad SPI Flash
|
Cypress Semiconductor
|
SST34HF162C-70-4E-LBK |
16 Mbit Dual-Bank Flash 2/4 Mbit SRAM ComboMemory SPECIALTY MEMORY CIRCUIT, PBGA48
|
Silicon Storage Technology, Inc.
|
SST34HF162G-70-4C-L3KE SST34HF162G-70-4E-L3KE SST3 |
16 Mbit Dual-Bank Flash 2/4 Mbit SRAM ComboMemory SPECIALTY MEMORY CIRCUIT, PBGA48
|
Silicon Storage Technology, Inc.
|