PART |
Description |
Maker |
AD70402 AD704AN AD704 AD704JR-_REEL AD704TQ_883B A |
-18V; quad picoampere inout current bipolar Op Amp. For industrial/process controls, weigh scales Quad Picoampere Input Current Bipolar Op Amp OP-AMP|QUAD|BIPOLAR|SOP|16PIN|PLASTIC
|
Analog Devices
|
EDI8F82048C85BSC |
40MHz Non-Inverting Quad CMOS Driver; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R x8的SRAM模块
|
KEMET Corporation
|
X9258US24I-2.7T1 X9258TS24I-2.7T1 X9258TV24I |
Low Noise, Low Power, 2-Wire Bus, 256 Taps Quad Digital Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-SOIC T&R Quad Digital Controlled Potentiometers(XDCP?
|
INTERSIL CORP Intersil Corporation
|
EL2170 EL2170CS-T13 EL2170CS-T7 EL2170CW-T3 EL2170 |
Op Amp, 70MHz, 1mA Low Power, Current Feedback, 100mA Drive Op Amp, Quad 70MHz, 1mA Low Power, Current Feedback, 55mA Drive 70MHz/1mA Current Mode Feedback Amplifiers 1 CHANNEL, VIDEO AMPLIFIER, PDSO5
|
Intersil Corporation Intersil, Corp.
|
AD867105 AD8672 AD8671AR AD8671AR-REEL AD8671AR-RE |
Single Precision Very Low Noise, Low Input Bias Current, Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial OP-AMP, 125 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO8 Quad Precision Very Low Noise, Low Input Bias Current, Operational Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 125 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO14 Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
|
ANALOG DEVICES INC Analog Devices, Inc.
|
LTC6242HVHGN LTC6242HGN |
Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amp; Package: SSOP; No of Pins: 16; Temperature Range: -40° to 125°C QUAD OP-AMP, 400 uV OFFSET-MAX, 12 MHz BAND WIDTH, PDSO16
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
X9409WV24IZ-2.7 X9409WV24I-2.7 X9409WV24-2.7 X9409 |
Low Noise/Low Power/2-Wire Bus QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 Quad Digitally Controlled Potentiometers (XDCP™); Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
|
数字电位 Intersil, Corp. Aimtec
|
MCP60104 MCP604T MCP601 MCP601-E_CH MCP601-E_OT MC |
MCP601 operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 and an offset ... The MCP602 dual operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 ... MCP603 operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 and an offset ... The MCP604 quad operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230. ... 2.7V to 5.5V Single-Supply CMOS Op Amps
|
MICROCHIP[Microchip Technology]
|
MCP606-I/P MCP606-I/SN MCP606-I/ST MCP609-I/P MCP6 |
The MCP606 operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 and ... The MCP609 quad operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 ... The MCP608 operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 and ... The MCP607 dual operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 ... 2.5V TO 5.5V MICROPOWER CMOS OP AMPS
|
Microchip Technology Inc.
|
ISL28248FUZ-T7 ISL28148FHZ-T7 ISL28148FHZ-T7A ISL2 |
4.5MHz, Single Dual and Quad Precision Rail-to-Rail Input-Output RRIO Op Amps with Very Low Input Bias Current 4.5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current; Temperature Range: Full-Range Ind; Package: 8-SOIC DUAL OP-AMP, 4.5 MHz BAND WIDTH, PDSO8 QUAD OP-AMP, 4.5 MHz BAND WIDTH, PDSO14
|
Intersil Corporation http:// Intersil, Corp.
|
OP400EY OP400HP OP400FY OP400GP OP400GS OP400HS OP |
Quad Low-Offset, Low-Power Operational Amplifier QUAD OP-AMP, 220 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, CDIP14 CAP CERAMIC 22PF 25V 0603 RF SMD Quad Low-Offset / Low-Power Operational Amplifier
|
Analog Devices, Inc.
|