PART |
Description |
Maker |
LX1912 LX1912CSG |
VREF @ 800mV, 1.0A, 1.2MHz PWM Current Mode PWM Buck regulator
|
Microsemi Corporation
|
LTC4059LTC4059A LTC4059A LTC4059AEDCPBF LTC4059EDC |
900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 x 2 DFN; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 ′ 2 DFN 900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 垄楼 2 DFN 900mA linear Li-ion battery charger with thermal regulation.
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
C8051F552-IM C8051F570-IM C8051F560-IQ C8051F561-I |
8-BIT, FLASH, 50 MHz, MICROCONTROLLER, QCC24 Up to 200 ksps Up to 32extemal single-ended inputs VREF from on-chip VREF, extemal pin or VDD Up to 200 ksps Up to 32extemal single-ended inputs VREF from on-chip VREF, extemal pin or VDD
|
SILICON LABORATORIES
|
813-SL60.0M-11-14 |
60.0MHz IF SAW Filter 12.0MHz Bandwidth
|
Oscilent Corporation
|
XRAH-05BT50 VRAH-05BT50 SRAH-05BT50 |
NON-ISOLATED DC/DC CONVERTER 5 V INPUT VREF/2 / 5 A OUTPUT
|
BEL[Bel Fuse Inc.]
|
MAX1034 MAX1035 |
8-/4-Channel, 【VREF Multirange Inputs, Serial 14-Bit ADCs
|
Maxim Integrated Products, Inc.
|
MAX10321112 MAX1033 |
8- and 4-Channel, 3 x VREF Multirange Inputs, Serial 14-Bit ADCs
|
Maxim Integrated Products
|
MAX1302 MAX1303AEUP MAX1302BEUG MAX1302AEUG MAX130 |
8-/4-CHANNEL, VREF MULTIRANGE INPUTS, SERIAL 16-BIT ADCS
|
Maxim Integrated Products
|
MP04995 |
SAW Filter 62.0MHz
|
Golledge Electronics Lt...
|
TC10733.3VCT713 TC10735.0VCT713 TC10723.6VCT713 TC |
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass 0mA00mA的CMOS低压降稳压器具有关断功能,错误输出和VREF绕道
|
Microchip Technology Inc. Microchip Technology, Inc.
|