PART |
Description |
Maker |
LV25-600 |
Voltage Transducer LV 25-600
|
LEM[LEM]
|
LV100-2500 |
Voltage Transducer LV 100-2500
|
LEM[LEM]
|
LV100-1500 |
Voltage Transducer LV 100-1500 电压互感器低00-1500
|
LEM[LEM]
|
SFAF502G SFAF504G SFAF506G SFAF508G |
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 5.0 A
|
Rugao Dachang Electronics Co., Ltd
|
ARS256 ARS252 ARS251 ARS254 |
BUTTON DIODES VOLTAGE RANGE 100 TO 600 VOLTSCURRENT 25AMPS BUTTON DIODES VOLTAGE RANGE 100 TO 600 VOLTSCURRENT 25AMPS
|
Kwang Myoung I.S. CO.,LTD Kwang Myoung I.S. CO.,L...
|
DCR506-8 DCR506-3 DCR506-4 DCR506-6 |
TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS VOLTAGE RANGE - 100 to 600 Volts
|
DCCOM[Dc Components]
|
AV100-500 AV100 AV100-750 AV100-1000 AV100-125 AV1 |
ER 4C 4#12 PIN PLUG 电压互感器影00系列 MS3106A20-4PX 电压互感器影00系列 MS3106A20-4PW MS3106A20-4P RoHS Compliant: No Voltage Transducer AV 100 Series
|
LEM[LEM]
|
LA-100-P |
Current Transducer LA 100-P
|
LEM
|
P036RH06FNO P042RH04CM P027PH04CJO P042RH04CMO P02 |
100 A, 600 V, SCR 100 A, 400 V, SCR, TO-65 670 A, 600 V, SCR, TO-200AB 755 A, 600 V, SCR, TO-200AB 670 A, 200 V, SCR, TO-200AB 355 A, 600 V, SCR 355 A, 1000 V, SCR 355 A, 400 V, SCR 5680 A, 2600 V, SCR
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
DK400-B10 DK400-B5 DKB5-10 DK100-B10 DK100-B5 DK20 |
DC Current transducer DK-B5/10 Box Frame Solenoid; Solenoid Duty Cycle:Continuous; Load Force:13-0.06/2-0.30 Ounce-Inch; Coil Resistance:36ohm; Operating Voltage:12V 直流电流传感DK-B5/10 DC Current transducer DK-B5/10 直流电流传感DK-B5/10
|
http:// LEM[LEM] LEM Components
|
CN2410 CN241210 CD241210 CN240610 CD240610 POWEREX |
Fast Recovery Dual Diode Modules 100 Amperes/600-1200 Volts Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-19 Fast Recovery Dual Diode Modules 100 Amperes/600-1200 Volts 快恢复二极管模块100 Amperes/600-1200伏特
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|