PART |
Description |
Maker |
SC5203 SC5203-3.0CSK SC5203-3.3CSK SC5203-3.6CSK S |
5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4 3.8 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4 80mA ULTRA LOW DROPOUT VOLTAGE REGULATOR 80mA的超低压降稳压器 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 200 psi, Absolute, Cell with body o-ring, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Vacuum Gage, 1/4-18 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Vacuum Gage, 1/8-27 NPT, 10 Vdc excitation
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
LV100-900 |
Voltage Transducer LV 100-900
|
LEM[LEM]
|
LV100-250 |
Voltage Transducer LV 100-250 电压互感器低100-250
|
Ecliptek, Corp. LEM[LEM]
|
LV100-1500 |
Voltage Transducer LV 100-1500 电压互感器低00-1500
|
LEM[LEM]
|
CR0402-JW-103GLF CR0402-FX-11R8GLF CR0402-JW-102GL |
Standard Thick Film Chip Resistor: 10 ohms through 5.6 megohms, 5 %, 200 ppm, .063 W RESISTOR, 0.0625 W, 5 %, 200 ppm, 10000 ohm, SURFACE MOUNT, 0402 RESISTOR, 0.0625 W, 1 %, 100 ppm, 11.8 ohm, SURFACE MOUNT, 0402 CHIP, ROHS COMPLIANT Standard Thick Film Chip Resistor: 10 ohms through 5.6 megohms, 5 %, 200 ppm, .063 W RESISTOR, 0.0625 W, 5 %, 200 ppm, 1000 ohm, SURFACE MOUNT, 0402 Standard Thick Film Chip Resistor: 10 ohms through 5.6 megohms, 5 %, 200 ppm, .063 W RESISTOR, 0.0625 W, 5 %, 200 ppm, 1300 ohm, SURFACE MOUNT, 0402 Standard Thick Film Chip Resistor: 10 ohms through 5.6 megohms, 5 %, 200 ppm, .063 W RESISTOR, 0.0625 W, 5 %, 200 ppm, 100000 ohm, SURFACE MOUNT, 0402 Standard Thick Film Chip Resistor: 10 ohms through 5.6 megohms, 5 %, 200 ppm, .063 W RESISTOR, 0.0625 W, 5 %, 200 ppm, 10 ohm, SURFACE MOUNT, 0402 Standard Thick Film Chip Resistor: 10 ohms through 5.6 megohms, 5 %, 200 ppm, .063 W RESISTOR, 0.0625 W, 5 %, 200 ppm, 120 ohm, SURFACE MOUNT, 0402 SMD Chip Resistors 90.9 OHM 1% RESISTOR, 0.0625 W, 1 %, 100 ppm, 90.9 ohm, SURFACE MOUNT, 0402 CHIP RESISTOR RESISTOR, 0.0625 W, 1 %, 100 ppm, 30.9 ohm, SURFACE MOUNT, 0402 Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .063 W RESISTOR, 0.0625 W, 1 %, 100 ppm, 100 ohm, SURFACE MOUNT, 0402 Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .063 W RESISTOR, 0.0625 W, 1 %, 100 ppm, 1000000 ohm, SURFACE MOUNT, 0402 CHIP RESISTOR RESISTOR, 0.0625 W, 1 %, 100 ppm, 26.7 ohm, SURFACE MOUNT, 0402 Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .063 W RESISTOR, 0.0625 W, 1 %, 100 ppm, 10000 ohm, SURFACE MOUNT, 0402 CHIP RESISTOR RESISTOR, 0.0625 W, 1 %, 100 ppm, 23.7 ohm, SURFACE MOUNT, 0402 CHIP RESISTOR RESISTOR, 0.0625 W, 1 %, 100 ppm, 24.9 ohm, SURFACE MOUNT, 0402 Resistor 51 kOhm 1% (SMD 0402) RESISTOR, 0.0625 W, 1 %, 100 ppm, 51000 ohm, SURFACE MOUNT, 0402 Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .063 W RESISTOR, 0.0625 W, 1 %, 100 ppm, 1000 ohm, SURFACE MOUNT, 0402 CHIP RESISTOR RESISTOR, 0.0625 W, 1 %, 100 ppm, 12.1 ohm, SURFACE MOUNT, 0402 CHIP RESISTOR RESISTOR, 0.0625 W, 1 %, 100 ppm, 30.1 ohm, SURFACE MOUNT, 0402 CHIP RESISTOR RESISTOR, 0.0625 W, 1 %, 100 ppm, 24.3 ohm, SURFACE MOUNT, 0402 Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .063 W RESISTOR, 0.0625 W, 1 %, 100 ppm, 100000 ohm, SURFACE MOUNT, 0402 Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .063 W RESISTOR, 0.0625 W, 1 %, 100 ppm, 48.7 ohm, SURFACE MOUNT, 0402 CHIP RESISTOR RESISTOR, 0.0625 W, 1 %, 100 ppm, 24 ohm, SURFACE MOUNT, 0402 Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .063 W RESISTOR, 0.0625 W, 1 %, 100 ppm, 37.4 ohm, SURFACE MOUNT, 0402 SMD Chip Resistors 47.5K OHM 1% RESISTOR, 0.0625 W, 1 %, 100 ppm, 47500 ohm, SURFACE MOUNT, 0402 CHIP RESISTOR RESISTOR, 0.0625 W, 1 %, 100 ppm, 82.5 ohm, SURFACE MOUNT, 0402 SMD Chip Resistors 68 OHM 1% RESISTOR, 0.0625 W, 1 %, 100 ppm, 68 ohm, SURFACE MOUNT, 0402 Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .063 W RESISTOR, 0.0625 W, 1 %, 100 ppm, 54.9 ohm, SURFACE MOUNT, 0402 CHIP RESISTOR RESISTOR, 0.0625 W, 1 %, 100 ppm, 16.9 ohm, SURFACE MOUNT, 0402 SMD Chip Resistors 56 OHM 1% RESISTOR, 0.0625 W, 1 %, 100 ppm, 56 ohm, SURFACE MOUNT, 0402 SMD Chip Resistors 82.5K OHM 1% RESISTOR, 0.0625 W, 1 %, 100 ppm, 82500 ohm, SURFACE MOUNT, 0402 CHIP RESISTOR RESISTOR, 0.0625 W, 5 %, 200 ppm, 75 ohm, SURFACE MOUNT, 0402 CHIP RESISTOR RESISTOR, 0.0625 W, 5 %, 200 ppm, 15000 ohm, SURFACE MOUNT, 0402 CHIP RESISTOR RESISTOR, 0.0625 W, 5 %, 200 ppm, 24 ohm, SURFACE MOUNT, 0402 CHIP RESISTOR RESISTOR, 0.0625 W, 5 %, 200 ppm, 56 ohm, SURFACE MOUNT, 0402 CHIP RESISTOR RESISTOR, 0.0625 W, 5 %, 200 ppm, 20000 ohm, SURFACE MOUNT, 0402 CHIP RESISTOR RESISTOR, 0.0625 W, 5 %, 200 ppm, 62 ohm, SURFACE MOUNT, 0402 CHIP RESISTOR RESISTOR, 0.0625 W, 5 %, 200 ppm, 130 ohm, SURFACE MOUNT, 0402 CHIP RESISTOR RESISTOR, 0.0625 W, 5 %, 200 ppm, 33000 ohm, SURFACE MOUNT, 0402 CHIP RESISTOR RESISTOR, 0.0625 W, 5 %, 200 ppm, 30 ohm, SURFACE MOUNT, 0402 CHIP RESISTOR RESISTOR, 0.0625 W, 1 %, 100 ppm, 80.6 ohm, SURFACE MOUNT, 0402 Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .063 W RESISTOR, 0.0625 W, 1 %, 100 ppm, 56.2 ohm, SURFACE MOUNT, 0402 CHIP RESISTOR RESISTOR, 0.0625 W, 1 %, 100 ppm, 95.3 ohm, SURFACE MOUNT, 0402 CHIP RESISTOR RESISTOR, 0.0625 W, 1 %, 100 ppm, 11300 ohm, SURFACE MOUNT, 0402 RES 68.1K OHM 1/16W 1% 0402 RESISTOR, 0.0625 W, 1 %, 100 ppm, 68100 ohm, SURFACE MOUNT, 0402 Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .063 W RESISTOR, 0.0625 W, 1 %, 100 ppm, 26700 ohm, SURFACE MOUNT, 0402 Standard Thick Film Chip Resistor: 10 ohms through 1 megohm, 1 %, 100 ppm, .063 W RESISTOR, 0.0625 W, 1 %, 100 ppm, 287 ohm, SURFACE MOUNT, 0402 Suitable for most types of soldering processes Small package dimensions
|
Bourns, Inc. Vectron International, Inc. Bourns Electronic Solut...
|
RH100-S RH200-S RH1000-S RH500-S |
Coreless Coil Current Transducer RH 100~1000-S Coreless Coil Current Transducer RH 100~1000-S 无芯线圈电流互感器相对湿001000 -
|
LEM
|
MURP20040CT MURP20020CT MURP20020CT_06 MURP20020CT |
100 A, 300 V, SILICON, RECTIFIER DIODE ULTRAFAST RECTIFIERS 200 AMPERES, 200−400 VOLTS
|
ONSEMI[ON Semiconductor]
|
DK400-B10 DK400-B5 DKB5-10 DK100-B10 DK100-B5 DK20 |
DC Current transducer DK-B5/10 Box Frame Solenoid; Solenoid Duty Cycle:Continuous; Load Force:13-0.06/2-0.30 Ounce-Inch; Coil Resistance:36ohm; Operating Voltage:12V 直流电流传感DK-B5/10 DC Current transducer DK-B5/10 直流电流传感DK-B5/10
|
http:// LEM[LEM] LEM Components
|
RH500-P RH1000-P RH100-P RH200-P |
Coreless Coil Current Transducer RH 100~1000-P 无芯线圈电流互感器相对湿001000
|
LEM[LEM]
|
CV3-1500 |
Voltage Transducer
|
LEM[LEM]
|
|