PART |
Description |
Maker |
LV100-3500_03 LV100-3500 LV100-350003 |
LV100-3500
|
LEM[LEM]
|
FR1ZZ-TP FR1ZZP FR1020GP |
1 A, 2000 V, SILICON, SIGNAL DIODE, DO-214AA HSMB, 2 PIN 1 Amp Glass Passivated Rectifier 1200 to 2000 Volts 1 A, 2000 V, SILICON, SIGNAL DIODE, DO-41
|
Micro Commercial Components, Corp.
|
ZNDC-13-2G |
TV 39C 37#20 2#16 SKT WALL REC 800 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.3 dB INSERTION LOSS-MAX Directional Coupler 50з 13dB 800 to 2000 MHz Directional Coupler 50 13dB 800 to 2000 MHz
|
MINI[Mini-Circuits]
|
AP77016-B05 |
USAP77016-B05 MPEG-4 CELP Speech Codec Middleware | User's Manual[12/2000] USAP77016-B05 MPEG-4 CELP Speech Codec Middleware | Users Manual[12/2000] USAP77016 - B05的MPEG - 4 CELP语音编解码中间件|用户手册[12/2000]
|
Molex, Inc.
|
BHP-100 |
High Pass Filter 50Ω 90 to 2000 MHz High Pass Filter 50惟 90 to 2000 MHz High Pass Filter 50楼? 90 to 2000 MHz
|
Mini-Circuits
|
LHA2004-02 LHA2008-02 LHA2012-02 |
2000 MHz - 4000 MHz RF/MICROWAVE LIMITER 2000 MHz - 8000 MHz RF/MICROWAVE LIMITER 2000 MHz - 12000 MHz RF/MICROWAVE LIMITER
|
TEMEX COMPONENTS
|
80D472P050KD5D 80D332P050KB2D 80D392P050JE2DE3 80D |
Cap Aluminum 4700uF 50V -10% to 30% (30 X 40mm) 10mm 51 Ohm 4300mA 2000 hr 85C Cap Aluminum 3300uF 50V -10% to 30% (30 X 30mm) 10mm 79 Ohm 3100mA 2000 hr 85C CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 3900 uF, THROUGH HOLE MOUNT, RADIAL LEADED Aluminum Capacitors 85 °C, Snap-In CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 3300 uF, THROUGH HOLE MOUNT, CAN, ROHS COMPLIANT Cap Aluminum 6800uF 50V -10% to 30% (30 X 50mm) 10mm 40 Ohm 5300mA 2000 hr 85C Cap Aluminum 2200uF 50V -10% to 30% (25 X 30mm) 10mm 2000 hr 85C CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 4700 uF, THROUGH HOLE MOUNT, RADIAL LEADED
|
Vishay Sprague Vishay Siliconix
|
RA1R111HA1E1000 RA1R110HA0 RA1R303NA0 R012-50611 R |
11 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE Connector “A?for IMT-2000 Mobile Phones Connector “A?for IMT-2000 Mobile Phones
|
JAPAN AVIATION ELECTRONICS INDUSTRY LTD Japan Aviation Electron...
|
ZNDC-20-2G |
TV 41C 41#20 SKT RECP Directional Coupler 50з 20dB 800 to 2000 MHz Directional Coupler 50 20dB 800 to 2000 MHz
|
MINI[Mini-Circuits]
|
DS1553WP-150 DS1553P-70 DS1553-100 DS1553-70 DS155 |
64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM 64kB的,非易失,公元2000年兼容的时钟内存 64kB / Nonvolatile / Year-2000-Compliant Timekeeping RAM 64kB Nonvolatile Year-2000-Compliant Timekeeping RAM
|
Maxim Integrated Products, Inc. DALLAS[Dallas Semiconducotr] MAXIM - Dallas Semiconductor
|
ZVE-8G |
50蟹 Medium High Power 2000 to 8000 MHz 50з Medium High Power 2000 to 8000 MHz
|
MINI
|
ZAPD-23 |
Power Splitter/Combiner 2 Way-0 50Ω 700 to 2000 MHz Power Splitter/Combiner 2 Way-0 50ヘ 700 to 2000 MHz
|
Mini-Circuits
|