PART |
Description |
Maker |
LV100-750 |
Voltage Transducer LV 100-750 Voltage Transducer LV 100-750
|
LEM[LEM]
|
LV100-4000 |
Voltage Transducer LV 100-4000
|
LEM[LEM]
|
LV100-2500 |
Voltage Transducer LV 100-2500
|
LEM[LEM]
|
NCS2552NBSP NCS2552 |
750 MHz Voltage Feedback Op Amp with Fast Enable Feature 750 MHz Voltage Feedback Operational Amplifier w/ Fast Disable
|
ONSEMI[ON Semiconductor]
|
LV100-1500 |
Voltage Transducer LV 100-1500 电压互感器低00-1500
|
LEM[LEM]
|
LV100-300 |
Voltage Transducer LV 100-300 电压互感器低00-300
|
LEM[LEM]
|
SC5203 SC5203-3.0CSK SC5203-3.3CSK SC5203-3.6CSK S |
5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4 3.8 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4 80mA ULTRA LOW DROPOUT VOLTAGE REGULATOR 80mA的超低压降稳压器 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 200 psi, Absolute, Cell with body o-ring, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Vacuum Gage, 1/4-18 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Vacuum Gage, 1/8-27 NPT, 10 Vdc excitation
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
DK400-B10 DK400-B5 DKB5-10 DK100-B10 DK100-B5 DK20 |
DC Current transducer DK-B5/10 Box Frame Solenoid; Solenoid Duty Cycle:Continuous; Load Force:13-0.06/2-0.30 Ounce-Inch; Coil Resistance:36ohm; Operating Voltage:12V 直流电流传感DK-B5/10 DC Current transducer DK-B5/10 直流电流传感DK-B5/10
|
http:// LEM[LEM] LEM Components
|
AN77L00 AN77L00M AN77L03 AN77L035 AN77L035M AN77L0 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, Cell with body o-ring, 10 Vdc excitation 5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PSSO3 3-pin Low Power Loss Voltage Regulato r(100mA Type) Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, flush mount with flange, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/4-18 NPT, 10 Vdc excitation Series 3-Pin Low Power Loss Voltage Regulator Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/4-18 NPT, 10 Vdc excitation 3-pin Low Power Loss Voltage Regulato (100mA Type)
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
AV100-2000 |
Voltage Transducer
|
LEM[LEM]
|
LV100-750_03 LV100-1500 LV100-1500_03 LV100-750 LV |
Voltage Transducer
|
LEM[LEM]
|
LV100-600_03 LV100-600 LV100-60003 |
Voltage Transducer
|
LEM[LEM]
|
|