PART |
Description |
Maker |
MP2205A |
1.3MHz Synchronous Step-Down Converter
|
MPS
|
MP2227 |
1.3MHz Synchronous Step-Down Converter
|
MPS
|
LT3461 LT3461A LT3461ES6 LT3461AES6 LT3461ES6PBF L |
1.3MHz Step-Up DC/DC Converter in ThinSOT 1.3MHz/3MHz Step-Up DC/DC Converters with Integrated Schottky in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.6 A SWITCHING REGULATOR, 1700 kHz SWITCHING FREQ-MAX, PDSO6
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|
BD90541MUV-C BD90541MUV-CE2 |
2.6V to 5.5V, 2A, 0.3MHz to 2.4MHz Synchronous Step-Down Converter
|
ROHM
|
LTC3422EDD LTC3422 |
1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
|
LINER[Linear Technology]
|
TPS62300 |
500mA, 3MHz Synchronous Step-Down Converter in Chip Scale Packaging
|
ti
|
LTC3424 LTC3423 LTC3424EMS LTC3423EMS |
Low Output Voltage, 3MHz Micropower Synchronous Boost Converters; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 2.8 A SWITCHING REGULATOR, 3000 kHz SWITCHING FREQ-MAX, PDSO10 3MHz, 2A Low Output Voltage Micropower Synchronous Boost Converters 3MHz, 1A Low Output Voltage Micropower Synchronous Boost Converters LOW OUTPUT VOLTAGE 3MHZ MICROPOWER SYNCHRONOUS BOOST CONVERTERS
|
Linear Technology, Corp. LINEAR[Linear Integrated Systems]
|
SC4503WLTRT |
1.3MHz Step-Up Switching Regulator with 1.4A Switch
|
Semtech Corporation
|
FAN5353 FAN5353MPX |
3MHz, 3A Synchronous Buck Regulator
|
Fairchild Semiconductor
|
FAN5354MPX |
3MHz, 3A Synchronous Buck Regulator
|
Fairchild Semiconductor
|
AAT1149 |
3MHz Fast Transient 400mA Step-Down Converter
|
Advanced Analog Technology,lnc.
|
FAN5350UCX FAN535008 |
3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
|
Fairchild Semiconductor
|