PART |
Description |
Maker |
LTC3417AIFE-2-PBF LTC3417AIFE-2-TRPBF LTC3417AEDHC |
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 85°C DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO16 Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 85°C DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO20 Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LTC3417EFE LTC3417EDHC LTC3417 |
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
|
LINER[Linear Technology]
|
LTC3615IUF-1 LTC3615MPFE-1 LTC3615EFE-1 LTC3615HUF |
Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
LTC3561 LTC3561EDD |
1A, 4MHz, Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
RT8004QCP RT8004QQV RT8004QS RT8004PCP RT8004PQV R |
3A, 4MHz, Synchronous Step-Down Regulator
|
Richtek Technology Corporat... Richtek Technology Corporation
|
LTC3565 LTC3565EDD-PBF LTC3565EDD-TRPBF LTC3565EMS |
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
LTC3412AEUF LTC3412AEUF-PBF LTC3412AEUF-TR LTC3412 |
3A, 4MHz, Monolithic Synchronous Step-Down Regulator
|
Linear Technology
|
BD90521MUV-C BD90521MUV-CE2 |
2.6V to 5.5V, 2A, 0.3MHz to 2.4MHz Synchronous Step-Down Converter
|
ROHM
|
XF45061 |
600mA 4MHz Synchronous Step-Down DC/DC Converter
|
XySemi
|
AP3417A |
1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
|
Diodes
|
AP3418KTR-G1 |
1.5A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufactu...
|