PART |
Description |
Maker |
LTC2450-1 |
Ultra-Tiny 16-Bit Delta Sigma ADC
|
Linear Technology
|
LTC2453CTS8PBF LTC2453-15 LTC2453ITS8TRMPBF |
Ultra-Tiny, Differential, 16-Bit S ADC With I2C Interface; Package: SOT; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO8 Ultra-Tiny, Differential, 16-Bit ?S ADC With I2C Interface; Package: SOT; No of Pins: 8; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC2451CTS8PBF |
Ultra-Tiny, 16-Bit Delta Sigma ADC with I2C Interface; Package: SOT; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO8
|
Linear Technology, Corp.
|
CTLSH3-2M322HL |
SURFACE MOUNT ULTRA LOW VF SILICON SCHOTTKY RECTIFIER TINY LEADLESS MODULE
|
Central Semiconductor Corp.
|
HD64N3687G H83687H HD64F3687FPV |
16-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQFP64 Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
|
Renesas Electronics Corporation. ETC
|
PIC16F873T-10E/SO PIC16F873T-20/SO PIC16F873T-20I/ |
A newer device is available. Please consider PIC16F873A. This powerful (200 nanosecond instruction execution) yet easy-to-program ... A newer device is available. Please consider PIC16F877A. This powerful (200 nanosecond instruction execution) yet easy-to-program ... A newer device is available. Please consider PIC16F874A. This powerful (200 nanosecond instruction execution) yet easy-to-program ... A newer device is available. Please consider PIC16F876A. This powerful (200 nanosecond instruction execution) yet easy-to-program ... 8-bit CMOS FLASH microcontroller
|
Microchip
|
KIT-RMF |
Conductive Plastic Rotative Transducer Elements, Designed for Easy Mounting, High Accuracy, Long Life, Easy Mounting
|
Vishay
|
AD5601AD5611AD5621 |
2.7 V to 5.5 V, <100 μA, 12-Bit nanoDAC? D/A Converter, tiny SC70 Package 2.7 V to 5.5 V, <100 μA, 12-Bit nanoDAC D/A Converter, tiny SC70 Package
|
adi
|
AD5683R |
TINY 12-BIT SPI nanoDAC , WITH 卤1 LSB INL AND 2 ppm/掳C REFERENCE
|
Analog Devices, Inc.
|
R5F21113DFP R5F21114DFP R5F21112FP R5F21112DFP R5F |
16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES 16-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQFP32
|
Renesas Electronics Corporation
|