PART |
Description |
Maker |
FDMQ8203 |
100V Dual N-Channel and Dual P-Channel PowerTrenchMOSFET, GreenBridgeSeries of High-Efficiency Bridge Rectifiers GreenBridgeTM Series of High-Efficiency Bridge Rectifiers Dual N-Channel and Dual P-Channel PowerTrench? MOSFET N-Channel: 100 V, 6 A, 110 mΩ P-Channel: -80 V, -6 A, 190 mΩ
|
Fairchild Semiconductor
|
RUR-D820 RUR-D815 RUR-D810 |
Dual 8-A, high-speed, high efficiency epitaxial silicon rectifier. VRM 200 V. Dual 8-A, high-speed, high efficiency epitaxial silicon rectifier. VRM 150 V. Dual 8-A, high-speed, high efficiency epitaxial silicon rectifier. VRM 100 V.
|
General Electric Solid State
|
BD9012KV BD9012KV-E2 |
Dual-output, high voltage, high-efficiency step-down switching controller
|
Rohm
|
RUR-D1620 RUR-D1610 RUR-D1615 |
DUAL 16-A, HIGH - SPEED, HIGH EFFICIENCY EPITAXIAL SILICON RECTIFIERS
|
List of Unclassifed Manufacturers ETC[ETC]
|
ZXRD1050PQ16 ZXM64NO3X ZXRD1033PQ16 ZXRD1033NQ16 Z |
HIGH EFFICIENCY SIMPLESYNC?PWM DC-DC CONTROLLERS 5 V, High efficiency simplesync PWM DC-DC controller 3.3 V, High efficiency simplesync PWM DC-DC controller PTSE 30C 29#20 1#16 PIN RECP MC680X0 FPU COPROCESSOR Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS Adj, High efficiency simplesync PWM DC-DC controller
|
Diodes Incorporated ZETEX PLC Zetex Semiconductors
|
MAX649 MAX649CPA MAX649CSA MAX649EPA MAX649ESA MAX |
5V/3.3V/3V or Adjustable, High-Efficiency, 5V/3.3V/3V或可调,高效率, 5V/3.3V/3V or Adjustable / High-Efficiency / 5V/3.3V/3V or Adjustable High-Efficiency 5V/3.3V/3V or Adjustable, High-Efficiency, Low-I
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ALQ15GM48N-6 ALQ15AF48 ALQ15AF48N ALQ15AF48N-6 ALQ |
High Efficiency 60 Watts Dual Output Converter
|
Emerson Network Power ASTEC[Astec America, Inc] http://
|
RT8020E |
Dual High-Efficiency PWM Step-Down DC/DC Converter
|
Richtek Technology Corporation
|
DQ63325QMA04NKS DQ63325QMA04NRS DQ63325QMA04PYS DQ |
Dual Output, High Efficiency, Isolated DC/DC Converter
|
SynQor Worldwide Headquarters
|
RT8020CPQW RT8020BPQW RT8020APQW RT8020 RT8020AGQW |
Dual High-Efficiency PWM Step-Down DC-DC Converter
|
http:// Richtek Technology Corporation
|
PAM2306 |
Dual High-Efficiency PWM Step-Down DC-DC Coverter
|
Power Analog Micoelectronics
|