PART |
Description |
Maker |
MAX5438 MAX5439 MAX5437 |
±15V, 128-Tap, Low-Drift Digital Potentiometers
|
MAXIM - Dallas Semiconductor
|
MAX5400 MAX5400EKA-T MAX5400-MAX5401 MAX5401 MAX54 |
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers 双路56抽头、非易失、I2C接口、数字电位器 256-Tap SOT-PoT / Low-Drift Digital Potentiometers in SOT23 256-Tap SOT-PoT, Low-Drift Digital Potentiometers in SOT23 256抽头、低漂移数字电位器 From old datasheet system 256-Tap SOTPoT, Low-Drift Digital Potentiometers in SOT23
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC2051CDD LTC2051HS8 LTC20511 LTC2051HVCMS8 LTC20 |
Dual/Quad Zero-Drift Operational Amplifiers
|
Linear Technology
|
AD5280BRU200 AD5282BRU200 AD5280 AD5282 AD5280BRU2 |
32-Tap. Nonvolatile. Linear-Taper Digital Potentiometers in SOT23 200K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14 15V, I2C Compatible Digital Potentiometers 15V Operation Digital Potentiometers 15V I2C Compatible Digital Potentiometers 15V/ I2C Compatible Digital Potentiometers From old datasheet system
|
Analog Devices, Inc. AD[Analog Devices]
|
HI1-5040-2 HI1-5040-5 HI1-5040-7 HI1-5040_883 HI3- |
15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
|
Harris Corporation
|
2SB1590K 2SD2444K |
Power Transistor (-15V, -1A, 15V, 1A) 功率晶体管(- 15V的,- 1A型,15V的,1A)条 Power Transistor (-15V/ -1A/ 15V/ 1A)
|
Rohm Co., Ltd.
|
RND0.8ZHH-M6 RND02ZGE-M6 RND02ZGE |
RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 2V Dual Outputs 5V, available with trimming RND系列 - 10W的直直流转换8 - 75V输入3.3 INTEGRATED CKT STATIC SENS RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, ±12V Dual Outputs ±15V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V 12V Dual Outputs 15V available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 【12V Dual Outputs 【15V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, ?2V Dual Outputs ?5V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 2V Dual Outputs 5V, available with trimming
|
AZ Displays, Inc. Kingbright, Corp. POWER-ONE[Power-One]
|
ISL281301012 ISL28430FBZ ISL28430FVZ ISL28230FRZ I |
Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
|
Intersil Corporation
|
MXA2500EL |
Ultra Low Noise, Offset Drift 1 g Dual Axis Accelerometer with Analog Outputs
|
List of Unclassifed Manufacturers ETC[ETC]
|
XR-4195 |
/- 15V DUAL - TRACKING VOLTAGE REGULATOR
|
EXAR[Exar Corporation]
|
LTC2051 LTC2051IMS8 LTC2051IS8 LTC2051CMS8 LTC2051 |
From old datasheet system Dual Zero-Drift Operational Amplifier Dual Zero-Driff Operational Amplifier
|
LINER[Linear Technology]
|