PART |
Description |
Maker |
LT1P53A LT1E53A LT1H53A LT1S53A LT1D53A LT1K53A |
3.3X2.9mm, 1.1mm Thickness,Milky Diffusion Chip LED Devices 3.3x2.9mm, 1.1mm Thickness, Milky Diffusion Chip LED Devices
|
Sharp Corporation SHARP[Sharp Electrionic Components]
|
H3073-01 |
Slotted Terminal Pin, 9.13mm high, 3.1mm diameter, for 1.6mm panel thickness BRASS, TIN OVER NICKEL FINISH, PCB TERMINAL
|
Harwin PLC
|
STW8Q14C |
Lead Frame type LED PKG size: 5.6*3.0 thickness 0.75mm
|
Seoul Semiconductor
|
LT1EH67A LT1KS67A LT1ED67A |
1616 Size/ 0.8mm Thickness/ Compact Dichromatic Leadless Chip LED Devices 1616 Size, 0.8mm Thickness, Compact Dichromatic Leadless Chip LED Devices
|
Sharp Corporation SHARP[Sharp Electrionic Components]
|
LT1W67A |
1616 Size, 0.8mm Thickness, Compact Full Color Leadless Chip LED Device 1616 Size/ 0.8mm Thickness/ Compact Full Color Leadless Chip LED Device
|
SHARP[Sharp Electrionic Components]
|
LP-CC-2-1/2 LP-CC-25 LP-CC-9 LP-CC-10 |
Cartridge Fuse; Current Rating:2.5A; Voltage Rating:600VAC; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Series:LP-CC TIME DELAY BLOW ELECTRIC FUSE, 2.5A, 600VAC, 300VDC, 200000A (IR), INLINE/HOLDER Cartridge Fuse; Current Rating:25A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:10.31 x 38.1mm; Diameter:10.3124mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:38.1mm RoHS Compliant: No Cartridge Fuse; Current Rating:9A; Voltage Rating:600VAC; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:LP-CC RoHS Compliant: No Cartridge Fuse; Current Rating:10A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:10.31 x 38.1mm; Diameter:10.3124mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:38.1mm RoHS Compliant: No
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
3030AN50 3030AN40 |
3030 Series M16 [5/8 in] High Output VRS Sensors
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
50447-7025 0504477025 |
Ring Tongue Double Hole Terminal for 400MCM AWG, Closed Uninsulated BrazedBarrel, Stud Size 1/2 (M12), Oxygen-Free Copper, Length 117.00mm (4.606Material Thickness 4.50mm (.177) Molex Electronics Ltd.
|
Molex Electronics Ltd.
|
FNQ-R-25 FNQ-R-15 |
Cartridge Fuse; Current Rating:25A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Melamine; Diameter:0.406mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:38.1mm Cartridge Fuse; Current Rating:15A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Melamine; Diameter:0.406mm; Fuse Terminals:Ferrule; Length:38.1mm; Series:FNQ-R
|
COOPER INDUSTRIES
|
ASPI-0315FSSA-100M-T4 ASPI-0315FSSA-2R2M-T ASPI-03 |
1 ELEMENT, 10 uH, NICKEL-ZINC FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 3030-15M, ROHS COMPLIANT 1 ELEMENT, 2.2 uH, NICKEL-ZINC FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 3030-15M, ROHS COMPLIANT 1 ELEMENT, 22 uH, NICKEL-ZINC FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 3030-15M, ROHS COMPLIANT 1 ELEMENT, 6.8 uH, NICKEL-ZINC FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 3030-15M, ROHS COMPLIANT 1 ELEMENT, 33 uH, NICKEL-ZINC FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 3030-15M, ROHS COMPLIANT
|
Abracon, Corp.
|
SG25664A |
GRAPHIC LCD MODULE display format: 16x4; module size: 180x65x9.7; viewing size: 134.0x40.4; character size: 7.97x7.97; dot size: 0.47x0.47; controller: ST7920;
|
SUNLIKE
|
71226-2431 71226-0431 71226-1021 71226-3031 |
1MM FFC Conn W/Ret Barbs 24Ckt 24 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER 1mm FFC/FPC Str ZIF Barb 4Ckt 4 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER FFC Conn 1MM Zif W/RtnBarbs 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER 30CKT 1MM ASY A712263031 30 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER
|
Molex, Inc.
|
|