PART |
Description |
Maker |
LT1116_06 LT1116 LT1116CN8 LT1116CS8 LT1116CS8TR |
12ns, Single Supply Ground-Sensing Comparator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C COMPARATOR, 3500 uV OFFSET-MAX, 12 ns RESPONSE TIME, PDSO8
|
Linear Technology, Corp. LINER[Linear Technology]
|
LT1013CJ8 LT1013DN8 LT1014 LT1013ACN8 LT1013ACH LT |
Single Supply Operation Input Voltage Range Extends to Ground Single Supply Operation Input Voltage Range Extends to Ground
|
Linear Integrated Systems Linear Integrated Syste...
|
1671F LT1671IS8TRPBF |
60ns, Low Power,Single Supply, Ground-Sensing Comparator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C COMPARATOR, 4000 uV OFFSET-MAX, 85 ns RESPONSE TIME, PDSO8 From old datasheet system
|
Linear Technology, Corp.
|
2900313 |
PLC-RPIT- 24DC/ 1AU/SEN
|
PHOENIX CONTACT
|
3046 3058 |
HALL EFFECT GEAR-TOOTH SEN-SORS–ZERO SPEED
|
Allegro
|
OP747AR OP747ARU OP727 OP727AR OP727ARU OP777ARM O |
Precision Single Rail-to-Rail Output Single Supply Amplifier Precision Dual Rail-to-Rail Output Single Supply Amplifer Preliminary Precision Quad Rail-to-Rail Output Single Supply Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 300 uV OFFSET-MAX, 0.7 MHz BAND WIDTH, PDSO14 Precision Quad Rail-to-Rail Output Single Supply Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial Precision Micropower Single-Supply Operational Amplifiers
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
HI-8435PQTF |
32-Channel Ground/Open or Supply/Open
|
Holt Integrated Circuits
|
EL2150 EL2150CS-T13 EL2150CS-T7 EL2150CW-T7 EL2150 |
Op Amp, Video, 125MHz, SR=275V/s, Low Power, Low Voltage, Single Supply, Clamping, 100mA Output, with High Speed Disable and Power-Down 125MHz Single Supply/ Clamping Op Amps 125MHz Single Supply, Clamping Op Amps 1 CHANNEL, VIDEO AMPLIFIER, PDSO5 125MHz Single Supply, Clamping Op Amps 1 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ADCMP572 ADCMP573BCP ADCMP572BCP ADCMP573 |
Ultrafast 3.3 V Single-Supply Comparator w/Reduced Swing PECL (RSPECL) Output Drivers Ultrafast 3.3 V Single-Supply Comparators From old datasheet system
|
AD[Analog Devices]
|
5962-9318702H4A 5962-9318702H5C 5962-9318702HUC 59 |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps Single, Dual, Quad, 1.2µA Max, Single-Supply Op Amps High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps X32号的SRAM模块 350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers X32号的SRAM模块 x32 SRAM Module X32号的SRAM模块
|
Electronic Theatre Controls, Inc. Avago Technologies, Ltd. Bourns, Inc.
|
MC33171DR2 MC33174VDR2 MC33172VD MC33172DR2G MC331 |
Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers(???婧??浣?????绠??澶у?) Single Supply 3V to 44V, Low Power Dual Op Amp Single Supply 3V to 44V, Low Power Quad Op Amp Single Supply 3V to 44V, Low Power Single Op Amp
|
ON Semiconductor
|
|