PART |
Description |
Maker |
ADP1111AR-5-REEL ADP1111AR-3.3-REEL ADP1111AR-12-R |
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower Step-Up/Step-Down SW Regulator. Adjustable and Fixed 3.3 V 5 V 12 V(406.88 k) Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8
|
http:// Analog Devices, Inc.
|
ADP1111 ADP1111AN ADP1111AN-12 ADP1111AN-33 ADP111 |
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
|
AD[Analog Devices]
|
AME5130AEEVADJ AME5130AEEVADJZ AME5130 |
Micropower Step-Up DC/DC Converter
|
AME[Analog Microelectronics]
|
T6309B |
Micropower Step-up DC/DC Converter
|
TM Technology, Inc.
|
ST8R00W ST8R00 |
Micropower 1A synchronous step-up DC-DC converter
|
STMicroelectronics
|
LT1934 |
Micropower Step-Down Switching Regulators in ThinSOT
|
Linear Technology Corporation
|
AS1322A-BTTT AS1322B |
Low Voltage, Micropower, DC-DC Step-Up Converters
|
ams AG
|
LT8612 |
42V, 6A Micropower Synchronous Step-Down Regulator
|
Linear Technology
|
LT3695HMSEPBF LT3695HMSETRPBF LT3695IMSEPBF LT3695 |
1A Fault Tolerant Micropower Step-Down Regulator
|
Linear Technology
|
NCP1402-14 |
PFM Step-Up Micropower Switching Regulator
|
ON Semiconductor
|
AAT1217ICA-5.0-T1 AAT1217 AAT1217ICA-1.2-T1 AAT121 |
600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
|
ANALOGICTECH[Advanced Analogic Technologies]
|
AAT1217ICA-1.2-T1 AAT1217ICA-3.3-T1 AAT1217ICA-5.0 |
600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
|
Advanced Analogic Techn... Advanced Analogic Technologies
|