PART |
Description |
Maker |
HCTS374T HCTS374KTR HCTS374DTR |
Dual Positive-Edge-Triggered D-type Flip-Flops With Clear And Preset 20-LCCC -55 to 125 1024 x 18 Synchronous FIFO Memory 68-CPGA -55 to 125 Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
|
Intersil Corporation
|
74F109 I74F109D I74F109N N74F109D N74F109N 74F109_ |
Positive J-K positive edge-triggered flip-flops F/FAST SERIES, DUAL POSITIVE EDGE TRIGGERED J-KBAR FLIP-FLOP, COMPLEMENTARY OUTPUT, PDIP16 From old datasheet system Positive J-Knot positive edge-triggered flip-flops
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74ALVT162821 AV162821DL 74ALVT162821DGG 74ALVT1628 |
2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30Ω termination resistors(3-State)(30 Ω终端电阻.5V/3.3V 20位总线接口上升沿触D触发器(三态)) 2.5V/3.3V0位总线接口D型触发器,积极与30Ω终端电阻3态)(带30Ω终端电阻.5V/3.3V0位总线接口上升沿触发沿触发触发器(三态) Dual 2-Line To 4-Line Decoders/Demultiplexers 16-SO -40 to 85 2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30ohm termination resistors 3-State 2.5 V / 3.3 V 20-bit bus-interface D-type flip-flop, positive-edge trigger with 30 Ohm termination resistors (3-State)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LVC821A 74LVC821AD 74LVC821ADB 74LVC821APW 74LVC |
positive-edge trigger (3-State) From old datasheet system 10-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State 10-bit D-type flip-flop with 5-volt tolerant inputs/outputs;positive-edge trigger(3-State)(5V输入/输出容限的上升沿触发0位D触发器(三态))
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
74AUP2G80GT 74AUP2G80GM 74AUP2G80DC 74AUP2G80 74AU |
Low-power dual D-type flip-flop; positive-edge trigger; Package: SOT833-1 (XSON8U); Container: Reel Pack, SMD, 7" AUP/ULP/V SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO8
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74VHC161 74VHC161M 74VHC161SJ 74VHC161MTC 74VHC161 |
4-Bit Binary Counter with Asynchronous Clear Quadruple 2-Input Positive-NOR Gates 14-SOIC -40 to 85 AHC/VHC/H/U/V SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP BINARY COUNTER, PDIP16
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
KIA78L05F KIA78L06F KIA78L07F KIA78L08F KIA78L09F |
5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 Octal D-Type Flip-Flops With Clear 20-TSSOP -40 to 85 BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
|
KEC Holdings KEC[KEC(Korea Electronics)]
|
74HCT374 74HC374 74HC374D 74HCT374D 74HC374PW 74HC |
74HC/HCT374; Octal D-type flip-flop; positive edge-trigger; 3-state Octal D-type flip-flop positive edge-trigger 3-state
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74HC273 74HCT273 74HC273D 74HCT273D 74HC273PW 74HC |
Octal D-type flip-flop with reset positive-edge trigger 74HC/HCT273; Octal D-type flip-flop with reset; positive-edge trigger
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
74HCT564 74HCT564N 74HC564 74HC564D 74HC564N 74HCT |
Octal D-type flip-flop; positive-edge trigger; 3-state; inverting 八路D型触发器;阳性沿触发反相 Octal D-type flip-flop positive-edge trigger 3-state inverting
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74V1G79 |
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
|
ST Microelectronics
|