PART |
Description |
Maker |
PA0229NL |
SMT Power Inductors Power Beads - Volta 1 & 2 series
|
Pulse A Technitrol Company
|
2SK2038 K2038 |
2SK2038 N CHANNEL MOS TYPE (HIGH SPEED/ HIGH CURRENT SWITCHING APPLICATIONS) TRANSISTOR,MOSFET,N-CHANNEL,800V V(BR)DSS,5A I(D),TO-247VAR From old datasheet system N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS) N通道马鞍山型(高速,高电流开关应用)
|
Toshiba. TOSHIBA[Toshiba Semiconductor] Toshiba, Corp.
|
ADG608 ADG609 ADG609BCHIPS ADG609BR ADG609BRU ADG6 |
4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDSO16 3 V/5 V, 4/8 Channel High Performance Analog Multiplexers 3 V/5 V/ 4/8 Channel High Performance Analog Multiplexers LC2MOS ?5V 8-Channel High Performance Analog Multiplexer LC2MOS, ?5 V, 4-Channel High Performance Analog Multiplexer LC2MOS, ± 5 V, 4-Channel High Performance Analog Multiplexer
|
ANALOG DEVICES INC Analog Devices, Inc.
|
UPA675T UPA675T-T1 UPA675T-T2 UPA675T-A |
100 mA, 16 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING N-channel enhancement type MOS FET
|
NEC
|
OM6050SJ OM6051SJ OM6052SJ OM6053SJ OM6054SJ OM605 |
High Current, High Voltage 1000V , 10 Amp N-Channel, MOSFET, High Energy Capability(大电流,高电压,1000V , 10A,N沟道,MOS场效应管(高能容量)) 高电流,高电000V0安培N沟道,MOSFET的高能能力(大电流,高电压,1000V0A条,沟道来说,MOS场效应管(高能容量) HIGH CURRENT MOSFET IN ISOLATED, TO-267 HERMETIC PACKAGE, SIZE 7 DIE, LOW RDS(on) 500V Single N-Channel Hi-Rel MOSFET in a TO-267AA package 100V Single N-Channel Hi-Rel MOSFET in a TO-267AA package 600V Single N-Channel Hi-Rel MOSFET in a TO-267AA package 200V Single N-Channel Hi-Rel MOSFET in a TO-267AA package
|
International Rectifier
|
HCNW135 HCNW135-020 HCPL4503 6N136 6N136-020 6N136 |
HCPL-2502 · Single Channel, High Speed Optocouplers Single Channel, High Speed Optocouplers 单通道,高速光电耦合 XTAL CER SMT 6X3.5 2PAD 单通道,高速光电耦合 2 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 1 Mbps
|
Agilent(Hewlett-Packard... Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Avago Technologies, Ltd. TE Connectivity, Ltd.
|
2SK3084 EA09398 |
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS) N通道马鞍山型(高速,大电流开关,斩波调压器,DC - DC变换器和电机驱动应用 HIGH SPEED, HIGH VOLTAGE SWITCHING APPLICATIONS From old datasheet system
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
HV513WG HV514WG |
8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs, POL, Hi-Z, and Short Circuit Detect High Voltage 8-Channel Serial to Parallel Converters
|
SUTEX[Supertex Inc] Supertex, Inc
|
VND810SP VND810SP13TR |
20 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 双通道高边驱动 DOUBLE CHANNEL HIGH SIDE DRIVER DOUBLE CHANNEL HIGH SIDE DRIVER
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HAT2058R-EL-E HAT2058RJ-EL-E HAT2058R05 |
4 A, 100 V, 0.18 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 3.95 X 4.90 MM, PLASTIC, FP-8DAV, SOP-8 Silicon N Channel Power MOS FET High Speed Power Switching
|
Analog Devices, Inc. Renesas Electronics Corporation
|