PART |
Description |
Maker |
LRI64-SBN18 LRI64-A6S2U LRI64-A7T |
Memory TAG IC at 13.56 MHz, with 64-bit Unique ID and WORM user area, ISO15693 and ISO18000-3 Mode 1 compliant
|
STMicroelectronics
|
M35102 |
Contactless Memory with 64-bit Unique Serial ID 13.56 MHz, 2048-bit High Endurance EEPROM 13.56 MHZ, ISO 14443, CONTACTLESS MEMORY CHIP 2048-BIT EEPROM WITH 64-BIT UNIQUE SERIAL ID
|
SGS Thomson Microelectronics STMicroelectronics
|
C4123 C5334 C4124 C4133 C4323 C4134 C4324 C3323 C1 |
MEMS digital output motion sensor ultra low-power high performance 3-axes "nano" accelerometer 18-STAGE STATIC SHIFT REGISTER MEMS digital output motion sensor ultra low-power high performance 3-axes nano accelerometer MEMS inertial sensor 3-axis ultracompact linear accelerometer MEMS inertial sensor: 3-axis - ± 2g/± 6g digital output low voltage linear accelerometer LOW DROP POWER SCHOTTKY RECTIFIER 13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant 13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions 13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions Turbo 2 ultrafast high voltage rectifier 5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM Dual decade counter 3.3V, 256Kbit (32Kbit x 8) ZEROPOWER® SRAM Analog multiplexer/demultiplexer with address latch : single 8 channel 5.0V or 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER® SRAM TURBO2 ULTRAFAST HIGH VOLTAGE RECTIFIER Quad bilateral switch 5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER® SRAM Dual J-K flip flop with preset and clear 4-bit magnitude comparator 2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant MEMS inertial sensor: 3-axis - /-2g/6g ultracompact linear accelerometer 光电 432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory 光电
|
NXP Semiconductors N.V. STMicroelectronics N.V.
|
SR176 |
13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
|
STMicroelectronics
|
NTAG213F1308 NT2H1611F0DTL |
NFC Forum Type 2 Tag compliant IC with 144/888 bytes user memory and field detection NFC Forum Type 2 Tag compliant IC with 144/888 bytes user memory and field detection
|
NXP Semiconductors
|
LRIS2K LRIS2K08 LRIS2K-A1S LRIS2K-A1T LRIS2K-SBN18 |
2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
|
STMicroelectronics
|
CAT28F102 CAT28F102T14I-45T CAT28F102PI-45T CAT28F |
90ns 1M-bit CMOS flash memory 70ns 1M-bit CMOS flash memory 55ns 1M-bit CMOS flash memory 45ns 1M-bit CMOS flash memory 1 Megabit CMOS Flash Memory
|
Catalyst Semiconductor http://
|
AM42DL6404G AM42DL6404G85IS AM42DL6404G85IT AM42DL |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
|
SPANSION[SPANSION] AMD[Advanced Micro Devices]
|
MCM32A932SG33 MCM32A732SG33 MCM32A864SG33 MCM32A76 |
128KB/256KB Secondary Cache Module With Tag, Valid, and Dirty for i486 Processor Systems OSC 5V 8PIN TTL 64K X 32 CACHE TAG SRAM MODULE, 25 ns, DMA112
|
Motorola, Inc. Motorola Mobility Holdings, Inc.
|
AM49DL6408H70IS AM49DL6408H55FT AM49DL6408H85FS AM |
64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (512 K x 16-Bit) SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion, Inc.
|