PART |
Description |
Maker |
V23105-A5005-201 V23105-A5007-201 V23105-A5307-201 |
CONN MINI DIN SHIELDED ANG 8POS 最佳Relaytion The Best Relaytion 最佳Relaytion KIT DEV ZIGBEE 2.4 GHZ 最佳Relaytion CONN MINI DIN RECEPT RT ANG 4POS CONN MINI DIN SHIELDED ANG 3POS CONN CIR DIN RECEPT RT ANG 5POS Circular Connector; Body Material:Aluminum Alloy; Series:MS3111; Number of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Socket CONN POWER JACK 2.0MM PCB
|
Anpec Electronics, Corp. TE Connectivity, Ltd. Electronic Theatre Controls, Inc. SPC Technology Tyco Electronics
|
8609XXX83X4XX5 86094328314745000E1 86094328314745E |
DIN STANDARD RECEPTACLE(STRAIGHT SPILL DIN 41612 STYLE-C/2)
|
FCI-CONNECTOR[FCI connector]
|
PE7201-60 |
60 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PE7042-30 |
30 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 7.5 GHz
|
Pasternack Enterprises, Inc.
|
CRIMPFOX-UD-6-6 |
Crimping pliers, hexagonal compression, for ferrules 0.25 - 6 mm2 in accordance with DIN 46228-1: 1992-08 and DIN 46228-4: 1990-09
|
PHOENIX CONTACT
|
PE7204-60 |
60 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
CRIMPFOX-ZA-3 |
Crimping pliers, for ferrules in accordance with DIN 46228-1: 1992-08 and DIN 46228-4: 1990-09
|
PHOENIX CONTACT
|
HR12A-10LAA8PCA300A HR12A-10LAA8PCA300A1 HR12-10PB |
4 CONTACT(S), CABLE MOUNT, DIN CONNECTOR, PLUG MINIATURE CIRCULAR DIN TYPE CONNECTOR 8 CONTACT(S), CABLE MOUNT, DIN CONNECTOR, RECEPTACLE
|
Hirose Electric http://
|
PE7420-3 |
3 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7420-20 |
20 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
ATF1504ASZ-25QI100 ATF1504AS-15QI100 ATF1504AS-15Q |
High-performance EE CPLD, 100 MHz Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:MS3102; No. of Contacts:14; Connector Shell Size:20-27; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No Circular Connector; No. of Contacts:22; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:12-22 RoHS Compliant: No DIN Audio Connector; No. of Contacts:3; Contact Termination:Solder; Gender:Male; Terminal Type:Solder RoHS Compliant: Yes High-performance EE CPLD, 70 MHz High- Performance EE CPLD
|
Atmel Corp. ATMEL Corporation
|