PART |
Description |
Maker |
H60060-2 H60060-3 H60060-1 H60030-1S H60200-1 H601 |
600V Class H Fuse Blocks 600V Class H Fuse Blocks
|
Cooper Bussmann, Inc.
|
BK-S-8201-2-R S-8100 S-8000 S-8300 S-8200 |
1/4 x 11/4 Fuse Blocks
|
Cooper Bussmann, Inc.
|
1LS104 1LS103 1LS109 1LS101 1LS102 1LS108 1LS110 |
Semiconductor Fuse Blocks
|
LITTELFUSE[Littelfuse]
|
LS509 |
Class A Amplifier with 3 Gain Blocks & Schottky Diodes Class A Amplifier with 3 Gain Blocks & Schottky Diodes
|
Electronic Theatre Controls, Inc. ETC[ETC]
|
2-1437397-4 |
END SECTION FUSE & SWITCH BLOCKS FLAT BASE
|
Tyco Electronics
|
PDBFS220 PDBFS204 16021-4 PDBFS500 PDBFS504 16000- |
Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
|
Cooper Bussmann, Inc.
|
FRT250T 7100.1125.XX 7100.1017.XX 7100.1117.XX 710 |
TIME LAG BLOW ELECTRIC FUSE, 0.5A, 250VAC, 250VDC, 35A (IR), THROUGH HOLE Subminiature Fuse, 11.5 x 5 mm, Tr?e T Subminiature Fuse, 11.5 x 5 mm, Tr庐e T Subminiature Fuse, 11.5 x 5 mm, Tr盲ge T
|
Schurter Inc.
|
BC869 BC869-16 BC869-25 BC869_4 BC869/T1 |
From old datasheet system PNP medium power transistor Automotive Fuse; Current Rating:20A; Voltage Rating:32V; Fuse Type:Fast Acting; Body Material:Plastic; Fuse Terminals:Blade; Length:15.41mm; Series:297; Fuse Size/Group:15.41 x 10.92 x 3.81mm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
215200 215025 217040 217040P 215800 215400 215250 |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) 5 x 20 mm Fast-Acting Fuse
|
LITTELFUSE[Littelfuse]
|