PART |
Description |
Maker |
CAT28F010 CAT28F010TI-70T CAT28F010PI-70T CAT28F01 |
120ns 2M-bit CMOS flash memory 90ns 2M-bit CMOS flash memory 70ns 2M-bit CMOS flash memory 1 Megabit CMOS Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
CAT28F102 CAT28F102T14I-45T CAT28F102PI-45T CAT28F |
90ns 1M-bit CMOS flash memory 70ns 1M-bit CMOS flash memory 55ns 1M-bit CMOS flash memory 45ns 1M-bit CMOS flash memory 1 Megabit CMOS Flash Memory
|
Catalyst Semiconductor http://
|
MB84VB2000-10 MB84VB2001 MB84VB2001-10 |
PT 8C 8#20 PIN RECP 1M X 8 FLASH 3V PROM, 100 ns, PBGA48 8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
|
Fujitsu, Ltd. Fujitsu Component Limited.
|
CAT28F002 CAT28F002PI-90BT CAT28F002NI-90BT CAT28F |
90ns 2M-bit CMOS boot block flash memory 150ns 2M-bit CMOS boot block flash memory 120ns 2M-bit CMOS boot block flash memory 2 Megabit CMOS Boot Block Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
AM29LV160 AM29LV160BB70RSEB AM29LV160BB70REEB AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 6800uF 100WV 20% *NO Pb* 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 16Mb(2M×81Mx16, 3V, CMOS引导扇区闪存 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PBGA48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PDSO48 VARISTOR METAL-OXIDE 150V RAD.3 10MM-DIA BULK 2M X 8 FLASH 3V PROM, 70 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 90 ns, PDSO44
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC http://
|
AT91FR40162SB-CU AT91FR40162SB AT91FR40162SBPRE AT |
Flash memory in a single compact 121-ball BGA package 1024K Words 16-bit Flash Memory (2M bytes)
|
ATMEL Corporation
|
MB84VA2007-10 MB84VA20 MB84VA2006 MB84VA2006-10 MB |
MCP (Multi-Chip Package) FLASH MEMORY & SRAM 8M (x 8/x 16) FLASH MEMORY & 1M (x 8) STATIC RAM
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
AM41DL16X4D AM41DL1614DT70IS SPANSIONLLC-AM41DL162 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA69 Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
http:// ADVANCED MICRO DEVICES INC SPANSION LLC Advanced Micro Devices, Inc.
|
LH28F160S5 LH28F160S5-L10 LH28F160S5-L70 LH28F160S |
LH28F160S5D-L70 16MBIT (2MB x 8/1MB x 16)Smart 5 Flash Memory 16-MBIT(2MBx8/MBx16)Smart 5 Flash MEMORY 16-MBIT (2MBx8/1MBx16) Smart 5 Flash MEMORY
|
SHARP[Sharp Electrionic Components]
|
CAT28F020HI-12T CAT28F020 CAT28F020HI-90T CAT28F02 |
2 Megabit CMOS Flash Memory 2 Mb CMOS Flash Memory 256K X 8 FLASH 12V PROM, 90 ns, PDSO32
|
ON Semiconductor
|
W25P40-VSNI W25P40-VSNIG W25P40 W25P20 W25P10-VSNI |
4 Mbit Uniform Sector, Serial Flash Memory 2M X 1 FLASH 2.7V PROM, PDSO8 4M X 1 FLASH 2.7V PROM, PDSO8 0.150 INCH, GREEN, PLASTIC, SOIC-8 1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 40MHZ SPI
|
Winbond Electronics, Corp.
|
MX29F001TTC-90 MX29F001TTC-70 MX29F001TTC-12 MX29F |
1M-BIT [128K x 8] CMOS FLASH MEMORY 128K X 8 FLASH 5V PROM, 55 ns, PDIP32 1M-BIT [128K x 8] CMOS FLASH MEMORY 128K X 8 FLASH 5V PROM, 90 ns, PQCC32 1M-BIT [128K x 8] CMOS FLASH MEMORY 128K X 8 FLASH 5V PROM, 55 ns, PDSO32 x8 Flash EEPROM x8闪存EEPROM
|
Macronix International Co., Ltd.
|