PART |
Description |
Maker |
MB84VD22193EC MB84VD22193EC-90 MB84VD22193EC-90-PB |
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM 32M的(x 8/x16)闪 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM SPECIALTY MEMORY CIRCUIT, PBGA73 Trimmer; Series:3262; Track Resistance:5kohm; Resistance Tolerance: 10%; Power Rating:0.25W; Operating Temperature Range:-65 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm; Adjustment Type:Top RoHS Compliant: Yes CONN, M HEADER ST 1X2 .230 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
MB84VD22181FM-70PBS MB84VD22191FM-70PBS |
32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM 32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM 32M的(x16)的快闪记忆
|
Spansion Inc. Spansion, Inc.
|
MB84VD22091EA-90-PBS MB84VD22092EA-90-PBS MB84VD22 |
32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM 32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
|
FUJITSU LTD Fujitsu Limited Fujitsu Component Limited.
|
LRS1383F |
FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
|
Sharp Electrionic Components
|
LH28F320BFB-PBTL60 |
32M (x16) Flash Memory
|
SHARP[Sharp Electrionic Components]
|
LH28F320BFB-PTTL60 |
32M (x16) Flash Memory
|
Sharp Corporation
|
LH28F320BFB-PBTL60 |
32M (x16) Flash Memory
|
Sharp Corporation
|
M36W416TG85ZA1T M36W416TG70ZA6T M36W416TG-ZAT M36W |
16 Mbit 1Mb x16, Boot Block Flash Memory and 4Mbit 256Kb x16 SRAM, Multiple Memory Product CANMS3470L16-23PL/C 16兆x16插槽,开机区块快闪记忆体Mbit的SRAM56Kb x16,内存产品多
|
意法半导 STMicroelectronics N.V.
|
LRS1B12 |
64M ( X16) Flash & 64M ( X16) Flash & 32M ( X16) SCRAM & 8M (x16) SRAM
|
Sharp Microelectronics
|
M36W416TG 9175 M36W416TGZA M36W416BG70ZA1T M36W416 |
From old datasheet system 16 Mbit 1Mb x16, Boot Block Flash Memory and 4Mbit 256Kb x16 SRAM, Multiple Memory Product
|
STMICROELECTRONICS[STMicroelectronics]
|