PART |
Description |
Maker |
ACA2404 ACA2404S7P0 ACA2404S7P2 |
MIL-DTL-38999 JT06 SERIES CLASS RE STRAIGHT PLUGS, STRAIGHT BODY STYLE, CRIMP TERMINATION, 12 SHELL SIZE, 12-22 INSERT ARRANGEMENT, PLUG GENDER, 22 24V Line Amplifiers High Output Power Doubler Line Amplifier The ACA2404 is a highly linear, high output power, monolithic GaAs amplifier that has been developed to replace the standard CATV ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc]
|
KTD2161 |
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE TV/ MONITOR VERTICAL OUTPUT/ DRIVER STAGE/ COLOR TV CLASS B SOUND OUTPUT)
|
KEC(Korea Electronics)
|
KTB1469 |
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE TV/ MONITOR VERTICAL OUTPUT/ DRIVER STAGE/ COLOR TV CLASS B SOUND OUTPUT) EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE TV, MONITOR VERTICAL OUTPUT, DRIVER STAGE, COLOR TV CLASS B SOUND OUTPUT)
|
KEC[KEC(Korea Electronics)]
|
APA2018HAI-TRG |
3.6W Constant Output Power Class-D Audio Amplifier
|
Anpec Electronics Corop...
|
FS100UM-03 |
100 A, 30 V, 0.0054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 Bench Power Supply; Output Voltage:30V; Output Current:3A; Number of Outputs:3; Calibrated:Yes; Certificate of Calibration:Yes; Output Current 2:.5A; Output Current 3:.5A; Output Voltage 2:12V; Output Voltage 3:5V HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
MAX5987A MAX5986AETE MAX5986B MAX5986BETE MAX5986A |
IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, PDs with Integrated DC-DC Converter
|
Maxim Integrated Products
|
VND05BSP VND05 VND05BSP13TR -VND05BSP |
CAPACITOR, CLASS Y2 4.7NFCAPACITOR, CLASS Y2 4.7NF; Capacitance:4.7nF; Voltage rating, AC:250V; Voltage rating, DC:2500V; Capacitor dielectric type:Polypropylene; Series:B81122; Tolerance, :20%; Tolerance, -:20%; Temp, op. ISO HIGH SIDE SMART POWER SOLID STATE RELAY DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ELM844 |
280μA Low power class-A output CMOS dual operational amplifier
|
ELM Technology Corporat...
|
TDA7567PD |
Intelligent high efficient (class SB) differential input, quad BTL output with full I2C diagnostics (turn on, permanent, ac)
|
ST Microelectronics
|
EUA2069 |
2W High Efficiency Mono Class-D Audio Power Amplifier with Non-Clip, Power Limit
|
Eutech Microelectronics...
|
PAM8010NHR |
3W STEREO FILTERLESS CLASS-D AUDIO AMPLIFIER WITH DC VOLUME CONTROL, POWER LIMIT, AND HEADPHONE OUTPUT
|
Diodes
|
IRAUDAMP7D |
25W-500W Scalable Output Power Class D Audio Power Amplifier Reference Design Using the IRS2092 Protected Digital Audio Driver
|
International Rectifier
|