PART |
Description |
Maker |
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC472 |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor High-gain Amplifier Transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) High-voltage Amplifier Transistor (120V, 50mA) High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) High-gain Amplifier Transistor (32V , 0.3A) Medium Power Transistor (32V, 1A) Power Transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) High-current Gain Medium Power Transistor (20V, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
UTC ROHM[Rohm]
|
2SC2411KT146R |
Medium Power Transistor (32V, 0.5A)
|
Rohm
|
2SD1781K08 |
Medium Power Transistor (32V, 0.8A)
|
Rohm
|
2SA1577 |
Medium Power Transistor (-32V, -05A)
|
Rohm
|
2DB1182Q 2DB1182Q-13 2DB1182Q-15 |
32V PNP MEDIUM POWER TRANSISTOR IN TO252
|
Diodes Incorporated
|
2SB118809 2SB1188 2SB1188T100Q |
Medium power transistor (-32V, -2A) Medium power transistor (32V, 2A) Medium power transistor (?2V, ?A)
|
Rohm Littelfuse
|
2SA2091S 2SA2091STPQ |
1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR SPT, SC-72, 3 PIN Medium power transistor (60V/ 1A) Medium power transistor (−60V, −1A) Medium power transistor (-60V, -1A)
|
TE Connectivity, Ltd. ROHM[Rohm]
|
2SB1197K A5800311 2SB1197KQ |
Low Frequency Transistor(-32V/ -0.8A) Transistors > Small Signal Bipolar Transistors(up to 0.6W) From old datasheet system Low Frequency Transistor(-32V, -0.8A) 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
Rohm
|
WPT2N40B WPT2N40-8TR |
PNP, -32V, -1A, Power Transistor with 20V N-MOSFET
|
TY Semiconductor Co., Ltd TY Semiconductor Co., L...
|
T2G4003532-FS-15 |
30W, 32V DC 3.5 GHz, GaN RF Power Transistor
|
TriQuint Semiconductor
|
LET9120 |
120W 32V HF to 2GHz LDMOS TRANSISTOR in push-pull package RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
|
ST Microelectronics STMicroelectronics
|
ACY11 ACY14 ACY17 ACY18 ACY19 AC117 AC130 AC126 AC |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | TO-1 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 1A I(C) | TO-1 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-1 TRANSISTOR | BJT | NPN | 12V V(BR)CEO | 500MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1.2A I(C) | TO-1 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | CAN TRANSISTOR | BJT | NPN | 15V V(BR)CEO | CAN TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 1A I(C) | TO-1 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 1A I(C) | CAN TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 15V的五(巴西)总裁| 500mA的一(c)| TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 200MA I(C) 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 200mA的我(丙
|
Electronic Theatre Controls, Inc. IDEC, Corp.
|