PART |
Description |
Maker |
SA90CA SA50 SA8.0CA SA8.0A SA7.0A SA6.0A SA5.0A SA |
DEVICES FOR BIPOLAR APPLICATIONS 500 Watt Transient Voltage Suppressors(500瓦瞬变电压抑制器) 500瓦瞬态电压抑制器00瓦瞬变电压抑制器 500 Watt Transient Voltage Suppressors(500瓦瞬变电压抑制器) 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 500 Watt Transient Voltage Suppressors(500瓦瞬变电压抑制器) 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RES 511 OHM 1/10W .1% 0805 SMD 双极器件中的应用 DEVICES FOR BIPOLAR APPLICATIONS 双极器件中的应用 4AV Series Hall-Effect Vane with 24 AWG irradiated polyethelene 558,8 mm [22 in] lead wires CONNECTOR ACCESSORY
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
SA8.0AG SA90AG SA100AG SA10AG SA110AG SA11AG SA120 |
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
|
ONSEMI[ON Semiconductor]
|
1K5S-N024 1K2S-N024 1K5S-N012 1K2S-N003 1K5S-N048 |
1.2K-1.5K WATT 2K WATT ENCLOSED PARALLEL POWER SUPPLY
|
Electronic Theatre Controls, Inc. Unknow ETC[ETC] List of Unclassifed Manufacturers
|
JYDC-7-1HP |
High Power Directional Coupler 50?/a> 30 to 500 MHz From old datasheet system High Power Directional Coupler 50з 30 to 500 MHz High Power Directional Coupler 50 30 to 500 MHz AC-DC Converter, 75 Watt Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 6.25, Package: U Bracket, Isolation(VDC): 3000, Operating Temp.: -25C to 50C, Low Ripple & Noise, High Efficiency up to 80%, Auto-Recovery, Single Outputs
|
http:// MINI[Mini-Circuits]
|
PTB20204 |
1.0 Watt, 380-500 MHz RF Power Transistor
|
Ericsson Microelectronics ERICSSON[Ericsson]
|
SM0520-36 SM0520-36_36H SM0520-36H SM0520-36/36H |
500-2000 MHz 4 Watt Linear Power Amplifier
|
Stealth Microwave, Inc.
|
SA5.0CA-D |
500 Watt Peak Power MiniMOSORBE Zener Transient Voltage Suppressors
|
ON Semiconductor
|
SA11CA SA10CA SA20CA SA12CA SA26CA SA120CA SA110CA |
500 Watt Transient Voltage Suppressors; Package: DO-15; No of Pins: 2; Container: Tape & Reel 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
Fairchild Semiconductor, Corp. Diodes, Inc.
|
GPMP900 GPMP900-24 GPMP900-28 GPMP900-36 GPMP900-4 |
High Power Supplies 900 Watt AC/DC Universal Input Power Supply
|
SL Power Electronics
|
KLS30F-24S KLS30F-05S KLS30F-12S KLS30F-15S |
30 WATT OPEN FRAME POWER SUPPLY
|
Volgen Kaga Electronics Inc. Volgen Kaga Electronics...
|
PSS25 |
25 Watt Single Output AC/DC Power Supply
|
Wall Industries,Inc.
|