PART |
Description |
Maker |
MMBT5400 |
(MMBT5400 / MMBT5401) Surface Mount General Purpose Si-Epi-Planar Transistors Si-Epi-Planar Universaltransistoren
|
Diotec Semiconductor
|
2SC4617T1G |
NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
UPA812T-T1 UPA812 UPA812T UPA812TGB-T1 PA812T |
Low Noise, High Frequncy Amplifer NPN Transistor(楂??浣??澹版?澶у?NPN?朵?绠? Low Noise, High Frequncy Amplifer NPN Transistor(高频低噪声放大器NPN晶体 HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4227 SMALL MINI MOLD TRANSISTOR | BJT | PAIR | NPN | 10V V(BR)CEO | 65MA I(C) | SOT-363
|
NEC[NEC] NEC Corp.
|
547B 548B BC546B BC547A BC546 BC548 |
NPN Silicon Amplifier Transistor 625mW 100 mA, 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Silicon Amplifier Transistor 625mW 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 General Purpose Transistor
|
Micro Commercial Compon... Micro Commercial Components Corp. Micro Commercial Components, Corp. Korea Electronics (KEC)
|
MPSA05 |
General Purpose Transistor EPITAXIAL PLANAR NPN TRANSISTOR (DRIVER STAGE AMPLIFIER, VOLTAGE AMPLIFIER)
|
Korea Electronics (KEC) KEC(Korea Electronics)
|
MMBR5179LT1 |
RF AMPLIFIER TRANSISTOR NPN SILICON UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-236AB
|
Motorola Mobility Holdings, Inc.
|
BC33825 BC33740 BC337 BC33840 BC33716 BC33725 BC33 |
Switching and Amplifier Applications Suitable for AF-Driver stages and low power output stages RES 220 OHMS 1% 1/4W 1206 800 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 SWITCHING AND AMPLIFIER APPLICATIONS 800 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
BFS483 Q62702-F1574 Q62702F1574 |
NPN Silicon RF Transistor (For low-noise/ high-gain broadband amplifier at colector current from 2mA to 28mA) NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifier at colector current from 2mA to 28mA) NPN硅射频晶体管(对于低噪声,高增益的colector2mA至二十八毫安目前的宽带放大器 NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifier at colector current from 2mA to 28mA) 2 CHANNEL, UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR TRANSISTOR R.F SOT363 From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
CPH6001A |
NPN Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifier Applications UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR
|
Sanyo Semicon Device
|
KSC1623LMTF KSC1623GMTFNL KSC1623O |
NPN Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Epitaxial Silicon Transistor 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR Low Frequency Amplifier & High Frequency OSC. 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
BFS481 Q62702-F1572 |
From old datasheet system NPN Silicon RF Transistor (For low-noise/ high-gain broadband amplifier at collector currents from 0.5 to 12 mA) NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifier at collector currents from 0.5 to 12 mA) 2 CHANNEL, UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR
|
SIEMENS A G SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|