PART |
Description |
Maker |
LR1200480D25 LR600240D25 |
IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,Module TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
53024 |
SPST SOLID-STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
AQV210EA |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp.
|
AQV210AZ |
TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open)
|
PANASONIC CORP
|
LH1547AAB1 LH1547AAB1TR LH1547AT1 LH1547-AAB1 LH15 |
Solid State Relay (SSR) 1FormA 1 Form A Solid-State Relay
|
Infineon Technologies AG
|
TSZ1J2A45-N |
SOLID STATE AC RELAY OPTICALLY ISOLATED, NORMALLY OPEN DUAL IN ONE PACKAGE TYPE SSR TOSHIBA SOLID DTATD AC RELAY
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
EL1-P16 |
Relay retaining bracket, with eject function and integrated equipment marking area (7.5 x 15 mm), to suit relay socket PR1, for 16 mm high miniature power relay and solid-state relay
|
PHOENIX CONTACT
|
LH1500-AT LH1530 LH1504 LH1519 LH1518 LH1517 LH155 |
High Voltage Solid State Relays 高压固态继电器 High Voltage Optically Coupled Solid ... Solid State Relay (SSR) 1FormA
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
CMA6025-10 CMA6075P-10 CMD60110 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid State Relay; Output Device:SCR; Output Voltage Max:660Vrms; Output Voltage Min:48Vrms; Control Voltage Max:3VDC; Control Voltage Min:32VDC; Load Current Max:110A; Switching:Zero Cross; Relay Options:Indicator Light RoHS Compliant: Yes
|
Crydom Inc. CRYDOM CORP
|
HSSR-8200 |
60 V/0.7 Ohm/ General Purpose/ 1 Form A/ Solid State Relay 200-V/160 Ohm/ 1 Form A/ Small-Signal Solid State Relay 200-V/160 Ohm, 1 Form A, Small-Signal Solid State Relay
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
2W10 2W01 |
Solid-State Panel Mount Relay; RELAY SSR 25A 120VAC AC-INZERO-X
|
Bytes
|
CPC1981Y |
Power SIP Relay TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Clare, Inc.
|