KP1836-310 KP1836 KP1836-134 KP1836-134-G KP1836-1 |
COIL 150UH 350MA CHOKE SMD 聚丙烯薄膜电容器相关文件类型:IEC 60384-171.2 Polypropylene Film Capacitors Related Document: IEC 60384-17 Grade 1.2 聚丙烯薄膜电容器相关文件类型:IEC 60384-171.2 Polypropylene Film Capacitors Related Document: IEC 60384-17 Grade 1.2 聚丙烯薄膜电容器相关文件类型:IEC 60384-17.2 COIL 180UH 300MA CHOKE SMD C-values 100 pF - 0.22 μF, Voltage 630 - 2000 VDC, Very high current and pulse load, Low losses, PCM 15-37.5
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
LQH43MN150K03L LQH43MN331K03L LQH43MN151K03L LQH43 |
IND 15U H 10% 0.36 A FERR 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR, 1812, 10%, 330UH 1 ELEMENT, 330 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 150UH 10% 130MA 1812 1 ELEMENT, 150 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 27UH 10% 300MA 1812 1 ELEMENT, 27 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH43M/LQH43N Series 1 ELEMENT, 1500 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 2200 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH43M/LQH43N Series
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD Murata Manufacturing Co., L... Murata Manufacturing Co...
|