PART |
Description |
Maker |
KM732V789 |
128Kx32 Synchronous SRAM
|
SAMSUNG[Samsung semiconductor]
|
KM732V789 |
128Kx32-Bit Synchronous Pipelined Burst SRAM
|
Samsung Semiconductor
|
KM732V789 |
128Kx32-Bit Synchronous Pipelined Burst SRAM(128Kx32位同步流水线脉冲 静RAM)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
AS7C33128NTD32_36B AS7C33128NTD36B-200TQIN AS7C331 |
3.3V 128Kx32/36 Pipelined SRAM with NTD 128K X 32 ZBT SRAM, 3.5 ns, PQFP100 3.3V 128Kx32/36 Pipelined SRAM with NTD 128K X 36 ZBT SRAM, 3.5 ns, PQFP100 3.3V 128Kx32/36 Pipelined SRAM with NTD 128K X 32 ZBT SRAM, 3 ns, PQFP100 3.3V 128Kx32/36 Pipelined SRAM with NTD 128K X 36 ZBT SRAM, 4 ns, PQFP100 3.3V 128Kx32/36 Pipelined SRAM with NTD 128K X 32 ZBT SRAM, 4 ns, PQFP100 NTD? Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
GS820H32AQ-138I GS820H32AQ-6I GS820H32AQ-4I GS820H |
100MHz 12ns 64K x 32 2M synchronous burst SRAM 64K X 32 CACHE SRAM, 12 ns, PQFP100 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 11 ns, PQFP100 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 9.7 ns, PQFP100 117MHz 11ns 64K x 32 2M synchronous burst SRAM 66MHz 18ns 64K x 32 2M synchronous burst SRAM 150MHz 9ns 64K x 32 2M synchronous burst SRAM 138MHz 9.7ns 64K x 32 2M synchronous burst SRAM
|
GSI Technology, Inc.
|
EDI8G32130C |
128Kx32 Static RAM CMOS, High Speed Module(128Kx32 高速CMOS静态RAM模块)
|
White Electronic Designs Corporation
|
WS128K32-70 |
128Kx32 SRAM Module(128Kx32静态RAM模块(存取时0ns
|
White Electronic Designs Corporation
|
IBM0418A86SQKA IBM0418A86LQKA IBM0418A86LQKA-6 IBM |
8 Mb Synchronous Communication SRAM(8M位同步流水线式通讯静态RAM) 8兆同步通信的SRAM00万位同步流水线式通讯静态内存) x36 Fast Synchronous SRAM x36快速同步SRAM x18 Fast Synchronous SRAM x18快速同步SRAM
|
IBM Microeletronics International Business Machines, Corp. Advanced Interconnections, Corp.
|
WSF41632-22H2C WSF41632-22H2M WSF41632-22H2MA WSF4 |
128KX32 SRAM & 512Kx32 FLASH MIXED MODULE
|
White Electronic Designs Co...
|
AS7C251MFT18A AS7C251MFT18A-75TQC AS7C251MFT18A-75 |
2.5V 1M x 18 flowthrough burst synchronous SRAM 1M X 18 STANDARD SRAM, 7.5 ns, PQFP100 2.5V 1M x 18 flowthrough burst synchronous SRAM 1M X 18 STANDARD SRAM, 10 ns, PQFP100 High Speed CMOS Logic Triple 3-Input AND Gates 14-SOIC -55 to 125 Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. Everlight Electronics Co., Ltd. ALSC Alliance Semiconductor Corporation
|
GVT71128DA36T-4 GVT71128DA36B-4 GVT71128DA36B-4.4 |
x18 Fast Synchronous SRAM x18快速同步SRAM x36 Fast Synchronous SRAM x36快速同步SRAM 256K X 18 CACHE SRAM, 2.5 ns, PBGA119
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
AS7C33128FT32_36B AS7C33128FT36B-80TQIN AS7C33128F |
3.3V 128K x 32/36 Flow Through Synchronous SRAM 3.3 128K的x 32/36流通过同步SRAM 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 36 STANDARD SRAM, 8 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 6.5 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 36 STANDARD SRAM, 6.5 ns, PQFP100 128K X 32 STANDARD SRAM, 10 ns, PQFP100 14 X 20 MM, TQFP-100 LM3876 Overture™ Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute; Package: ISOLATED TO220; No of Pins: 11; Qty per Container: 20; Container: Rail LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 3000; Container: Reel LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 1000; Container: Reel Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc. ALSC[Alliance Semiconductor Corporation]
|