PART |
Description |
Maker |
KM732V787 |
128Kx32-Bit Synchronous Burst SRAM(128Kx32位同步脉静RAM)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
ACT-SF128K32N-37P1T ACT-SF128K32N-37P1Q |
ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
|
Aeroflex Circuit Techno...
|
GS816033T-166I GS816019T-133 GS816019T-150 GS81601 |
166MHz 512K x 32 synchronous SRAM 133MHz 1M x 18 synchronous SRAM 150MHz 1M x 18 synchronous SRAM 166MHz 1M x 18 synchronous SRAM 200MHz 1M x 18 synchronous SRAM 225MHz 1M x 18 synchronous SRAM 250MHz 1M x 18 synchronous SRAM
|
GSI Technology
|
AS7C33128NTD32_36B AS7C33128NTD36B-200TQIN AS7C331 |
3.3V 128Kx32/36 Pipelined SRAM with NTD 128K X 32 ZBT SRAM, 3.5 ns, PQFP100 3.3V 128Kx32/36 Pipelined SRAM with NTD 128K X 36 ZBT SRAM, 3.5 ns, PQFP100 3.3V 128Kx32/36 Pipelined SRAM with NTD 128K X 32 ZBT SRAM, 3 ns, PQFP100 3.3V 128Kx32/36 Pipelined SRAM with NTD 128K X 36 ZBT SRAM, 4 ns, PQFP100 3.3V 128Kx32/36 Pipelined SRAM with NTD 128K X 32 ZBT SRAM, 4 ns, PQFP100 NTD? Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AS7C33256FT32_36A AS7C33256FT32_36A.V1.1 AS7C33256 |
3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 36 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 24Vz 10.5mA-Izt 0.05 5uA-Ir 18.2Vr DO41-GLASS 5K/AMMO From old datasheet system Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC
|
AS7C33128NTD32B AS7C33128NTD36B |
(AS7C33128NTD32B / AS7C33128NTD36B) 3.3V 128Kx32/36 Pipelined SRAM
|
Alliance Semiconductor Corporation
|
IBM0418A86SQKA IBM0418A86LQKA IBM0418A86LQKA-6 IBM |
8 Mb Synchronous Communication SRAM(8M位同步流水线式通讯静态RAM) 8兆同步通信的SRAM00万位同步流水线式通讯静态内存) x36 Fast Synchronous SRAM x36快速同步SRAM x18 Fast Synchronous SRAM x18快速同步SRAM
|
IBM Microeletronics International Business Machines, Corp. Advanced Interconnections, Corp.
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
GVT71128DA36T-4 GVT71128DA36B-4 GVT71128DA36B-4.4 |
x18 Fast Synchronous SRAM x18快速同步SRAM x36 Fast Synchronous SRAM x36快速同步SRAM 256K X 18 CACHE SRAM, 2.5 ns, PBGA119
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
UPD4382361GF-A85 UPD4382321GF-A85 UPD4382361GF-A90 |
x32 Fast Synchronous SRAM x36 Fast Synchronous SRAM x36快速同步SRAM x18 Fast Synchronous SRAM x18快速同步SRAM
|
Samsung Semiconductor Co., Ltd.
|
GS820E32AQ-5I GS820E32AT-5I GS820E32AT/Q-150/138/1 |
64K x 32 2M Synchronous Burst SRAM x32 Fast Synchronous SRAM X32号,快速同步SRAM
|
Electronic Theatre Controls, Inc. Aeroflex, Inc.
|