PART |
Description |
Maker |
KBPC40P KBPC4000P KBPC4000PW KBPC4001P KBPC4001PW |
40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
|
WTE[Won-Top Electronics]
|
HD10 HD01 HD02 HD08 HD04 HD06 |
TRIAC-400V 25 AMP TRIAC,800V V(DRM),25A I(T)RMS,TO-220 RoHS Compliant: Yes Bridge Rectifier; Repetitive Reverse Voltage Max, Vrrm:200V; Package/Case:TO-126; Current Rating:4A; Mounting Type:Through Hole Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):40A; Gate Trigger Current (QI), Igt:25mA; Package/Case:TO-220AB RoHS Compliant: Yes Triac; Package/Case:TO-48; Current, It av:40A; Mounting Type:Through Hole; Repetitive Reverse Voltage Max, Vrrm:400V; Current Rating:40A; Voltage 0.8 Amp Single Phase Glass Passivated Bridge Rectifier 100 to 1000 Volts
|
Micro Commercial Components Corp. MCC[Micro Commercial Components] Micro Commercial Compon...
|
126S 117S 151S 176S |
THYRISTOR/DIODE MODULE, 40A 1200VTHYRISTOR/DIODE MODULE, 40A 1200V; Voltage, Vrrm:1200V; Current, It av:40A; Case style:SEMIPACK 1; Current, It rms 3/8 (9.52mm) Sq. Wirewound Trimmers 3/8in [9.52mm] Sq. Wirewound Trimmers, Precious Metal Wiper, Solderable Leads, Military Quality at Affordable Prices
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
5500.2058 |
Single Phase RFI Line Filter; Mounting Type: Chassis Module; Voltage Rating: 250V; Current Rating: 3A; Leakage Current Rating: 0.5 mA 250 V, 50 HZ, SINGLE PHASE EMI FILTER
|
SCHURTER AG
|
BP40-01L BP40-04L BP40-06L BP40-005L BP40-02L BP40 |
40A HIGH CURRENT BRIDGE RECTIFIERS
|
Frontier Electronics.
|
B8SS |
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
|
Leshan Radio Company
|
DB152 |
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
|
Leshan Radio Company
|
SB2505G |
High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
|
Taiwan Semiconductor Co., Ltd.
|
D35SB80 D35SB60 D35SB40 D35SB20 D35SB10 D35SB100 |
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
|
Leshan Radio Company
|