PART |
Description |
Maker |
K4E640812C K4E660812C K4E640812C-JCL-45 K4E660812C |
8M x 8bit CMOS dynamic RAM with extended data out, 50ns 8M x 8bit CMOS dynamic RAM with extended data out, 60ns 8M x 8bit CMOS dynamic RAM with extended data out, 45ns
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
K4E16708112D K4E160811D K4E160811D-B K4E160811D-F |
2M x 8Bit CMOS Dynamic RAM with Extended Data Out Data Sheet 2M x 8 bit CMOS dynamic RAM with extended data out. Supply voltage 5V, 2K refresh cycle. 2M x 8 bit CMOS dynamic RAM with extended data out. Supply voltage 3.3V, 2K refresh cycle. 2M x 8 bit CMOS dynamic RAM with extended data out. Supply voltage 5V, 4K refresh cycle.
|
Samsung Electronic
|
GM71C17400 GM71C17400CJ GM71CS17400CL GM71C17400CL |
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM 4,194,304 words x 4 bit CMOS dynamic RAM, 60ns 4M X 4 FAST PAGE DRAM, 50 ns, PDSO24 x4 Fast Page Mode DRAM 4M X 4 FAST PAGE DRAM, 60 ns, PDSO24 4Mx4|5V|2K|5/6/7|FP/EDO DRAM - 16M IC REG LDO 1A 12V SHDN TO220FP-5 null4/194/304 WORDS x 4 BIT CMOS DYNAMIC RAM null4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM 4,194,304 words x 4 bit CMOS dynamic RAM, 50ns 4,194,304 words x 4 bit CMOS dynamic RAM, 70ns
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. HYNIX[Hynix Semiconductor]
|
KM68V1000BLE_LE-L KM68U1000BLE_LE-L KM68U1000BLG-1 |
CONNECTOR ACCESSORY 连接器附 128K X 8bit Low Power and Low Voltage CMOS Statinc RAM 128K的8位低功耗和低电压的CMOS Statinc内存 (KM68V1000B / KM68U1000B) 128K X 8bit Low Power and Low Voltage CMOS Statinc RAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
K4E640412D K4E660412D K4E640412D-JCL K4E640412D-TC |
16M x 4 bit CMOS dynamic RAM with extended data out. 3.3V, 4K refresh cycle. 16M x 4bit CMOS Dynamic RAM with Extended Data Out
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
V53C16125H V53C16125HK60 V53C16125HT50 |
HIGH PERFORMANCE 128K X 16 BIT FAST PAGE MODE CMOS DYNAMIC RAM 128K x 16bit high performance fasr page mode CMOS dynamic RAM
|
Mosel Vitelic Corp Mosel Vitelic, Corp Mosel Vitelic Corp
|
K4E160411D K4E160412D K4E170411D K4E170412D K4E167 |
4M x 4 bit CMOS dynamic RAM with extended data out. Supply voltage 3.3V, 2K refresh cycle. 4M x 4Bit CMOS Dynamic RAM with Extended Data Out Data Sheet 4M x 4 bit CMOS dynamic RAM with extended data out. Supply voltage 5V, 2K refresh cycle. 4M x 4 bit CMOS dynamic RAM with extended data out. Supply voltage 5V, 4K refresh cycle. 4M x 4 bit CMOS dynamic RAM with extended data out. Supply voltage 3.3V, 4K refresh cycle.
|
SAMSUNG[Samsung semiconductor] Samsung Electronic
|
MB814260-70 MB814260-60 |
CMOS 256K ×16 BIT
FAST PAGE MODE DYNAMIC RAM(CMOS 256K ×16 位快速页面存取模式动态RAM) CMOS 256K ×16 BIT FAST PAGE MODE DYNAMIC RAM(CMOS 256K ×16 位快速页面存取模式动态RAM) 的CMOS 256K × 16位快速页面模式的动态随机存储器(的CMOS 256K × 16位快速页面存取模式动态内存) CMOS 256K ?16 BIT FAST PAGE MODE DYNAMIC RAM(CMOS 256K ?16 浣?揩??〉?㈠???ā寮????AM)
|
Fujitsu Limited Fujitsu, Ltd.
|
IC41SV4105 IC41SV4105-50J IC41SV4105-50JG IC41SV41 |
DYNAMIC RAM, FPM DRAM From old datasheet system 1Mx4 bit Dynamic RAM with Fast Page Mode
|
ICSI[Integrated Circuit Solution Inc]
|
MB81V16165A-70L |
CMOS 1M ×16 BIT
Hyper Page Mode Dynamic RAM(CMOS 1M ×16 位超级页面存取模式动态RAM)
|
Fujitsu Limited
|