PART |
Description |
Maker |
11EQS04 |
Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polypropylene; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:1; Leaded Process Compatible:No RoHS Compliant: Yes Low Forward Voltage Drop Diode SBD
|
Nihon Inter Electronics Corporation
|
124-93-964-41-002 121-93-210-41-001 121-93-304-41- |
Low-Smoke Zero-Halogen (LSZH) Shipboard Audio, Control & Instrumentation Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Low Smoke Zero Halogen RoHS Compliant: Yes Paired Cable; Number of Conductors:18; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:9; Features:Unshielded; Outer Diameter:0.389"; Temperature Max:80 C RoHS Compliant: Yes Shielded Paired Cable; Jacket Material:Polyethylene; Leaded Process Compatible:Yes RoHS Compliant: Yes 双列直插式插座开放框架线材包1 / 2 / 3 / 4 Shielded Paired Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes 双列直插式插座开放框架线材包1 / 2 / 3 / 4 Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Features:Aluminium Foil/Polyester Tape; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座开放框架线材包1 / 2 / 3 / 4 Dual-in-line sockets Open frame Wire-wrap 1 / 2 / 3 / 4 level 双列直插式插座开放框架线材包1 / 2 / 3 / 4 Shielded Paired Cable; Number of Conductors:2; Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes 双列直插式插座开放框架线材包1 / 2 / 3 / 4 Hook-Up Wire Dispenser Kit For Use With:Electrical and electronic equipment RoHS Compliant: Yes 双列直插式插座开放框架线材包1 / 2 / 3 / 4 Low-Smoke Zero-Halogen (LSZH) Shipboard Audio, Control & Instrumentation Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Low Smoke Zero Halogen RoHS Compliant: Yes Multiconductor Audio, Communication & Instrumentation Cable; Number of Conductors:8; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:12; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polypropylene; Number of Pairs:6; Features:Unshielded; Impedance:50ohm; Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor Paired Audio, Control & Instrumentation Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Conductor Material:Copper RoHS Compliant: Yes Paired Cable; Number of Conductors:12; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:6; Features:Unshielded; Temperature Max:80 C; Voltage Nom.:30V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Material:Polyethylene; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes Cable; Number of Conductors:3; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Features:Aluminium Foil/Polyester Tape; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Audio, Control and Instrumentation Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Foil RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polypropylene; Number of Pairs:3; Features:Unshielded; Impedance:50ohm; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polypropylene; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100%; Number of Pairs:6 RoHS Compliant: Yes Low-Smoke Zero-Halogen (LSZH) Shipboard Audio, Control & Instrumentation Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Low Smoke Zero Halogen RoHS Compliant: Yes CABLE, 8775, 11PAIR, PER M; Cores, No. of:22; Conductor make-up:7/30AWG; Area, conductor CSA:0.325mm2; Diameter, External:11.8mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:6016C RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polypropylene; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polypropylene; Shielding Material:Foil; Number of Pairs:3; Leaded Process Compatible:Yes RoHS Compliant: Yes CABLE, 8777, 3PAIR, PER M; Cores, No. of:6; Conductor make-up:7/30AWG; Area, conductor CSA:0.325mm2; Diameter, External:7.65mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:6010C RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Shielding Material:Foil; Number of Pairs:3; Capacitance:30pF; Conductor Material:Copper; Impedance:50ohm RoHS Compliant: Yes Multiconductor Paired Audio, Control & Instrumentation Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Conductor Material:Copper RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:18; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polypropylene; Number of Pairs:9; Features:Unshielded; Impedance:50ohm; Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:18; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Number of Pairs:9; Leaded Process Compatible:No; Approval Bodies:UL; Capacitance:30pF/ft RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:38; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyethylene; Number of Pairs:19; Features:Unshielded; Impedance:50ohm; Leaded Process Compatible:Yes RoHS Compliant: Yes Paired Cable; Number of Conductors:12; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:6; Conductor Material:Copper; Conductor Plating:Tin; Features:Unshielded RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:12; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:6; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Paired Cable; Number of Conductors:18; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:9; Leaded Process Compatible:Yes; Features:Unshielded; Temperature Max:80 C RoHS Compliant: Yes Paired Cable; Number of Conductors:18; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:9; Leaded Process Compatible:Yes; Features:Unshielded; Temperature Max:80 C RoHS Compliant: Yes Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Features:Aluminium Foil/Polyester Tape; Impedance:69ohm; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes Paired Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:3; Leaded Process Compatible:Yes; Features:Unshielded; Temperature Max:80 C RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:38; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyethylene; Number of Pairs:19; Features:Unshielded; Impedance:50ohm; Temperature Max:80 C RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:38; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyethylene; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:19 RoHS Compliant: Yes CABLE, 8762, 1PAIR, PER M; Cores, No. of:2; Conductor make-up:7/28AWG; Area, conductor CSA:0.519mm2; Diameter, External:5.18mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:2411C RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:18; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:9; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Paired Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:12; No. Strands x Strand Size:19 x 25; Jacket Material:Polyethylene; Number of Pairs:1; Features:Aluminium Foil/Polyester Tape; Impedance:55ohm RoHS Compliant: Yes Shielded Multiconductor Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:1; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Coaxial Cable; Impedance:32ohm; Conductor Size AWG:28; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Paired Cable; Number of Conductors:18; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:9; Features:Unshielded; Temperature Max:80 C; Voltage Nom.:30V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyethylene; Number of Pairs:1; Features:Aluminium Foil/Polyester Tape; Impedance:56ohm RoHS Compliant: Yes Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyethylene; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100%; Number of Pairs:1 RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyethylene; Conductor Material:Copper; Features:Unshielded; Leaded Process Compatible:No RoHS Compliant: Yes Multiconductor Audio, Control & Instrumentation Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Tinned Copper RoHS Compliant: Yes Multiconductor Paired Audio, Control & Instrumentation Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper; Features:Unshielded RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Jacket Material:Polyethylene; Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyethylene; Number of Pairs:1; Features:Aluminium Foil/Polyester Tape; Impedance:64ohm RoHS Compliant: Yes Belden Sound and Control Cable, Wire Size: 18 AWG, Number of Pairs: 1, Length: 1000 feet, Conductor Material: Tinned Copper, Jacket: Chrome PVC, Features: 8760 features overall beldfoil shield with 20 AWG drain wire Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Material:Polyethylene; Number of Pairs:1; Features:Aluminium Foil/Polyester Tape; Impedance:60ohm RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:2; Leaded Process Compatible:Yes; Capacitance:35pF/ft RoHS Compliant: Yes CABLE, 8723, 2PAIR, 30.5M; Cores, No. of:4; Conductor make-up:7/30AWG; Area, conductor CSA:0.325mm2; Diameter, External:4.27mm; Material, secondary insulation:PVC; Length, Reel (Imperial):100ft; Colour, secondary insulation:Grey; RoHS Compliant: Yes Shielded Paired Cable; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Chrome; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Shielding Material:Foil; Number of Pairs:2; Capacitance:35pF; Conductor Material:Copper; Impedance:45ohm RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Number of Pairs:2; Leaded Process Compatible:Yes; Capacitance:35pF/ft; Conductor Material:Copper RoHS Compliant: Yes CABLE, 8723, 2PAIR, PER M; Cores, No. of:4; Conductor make-up:7/30AWG; Area, conductor CSA:0.325mm2; Diameter, External:4.06mm; Material, secondary insulation:PVC; Colour, secondary insulation:Grey; Alpha type number:2466C RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:2; Features:Unshielded; Leaded Process Compatible:Yes RoHS Compliant: Yes Audio control and Instrumentation Cable Shielded; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:2; Conductor Material:Copper RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:14; No. Strands x Strand Size:19 x 27; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyethylene; Number of Pairs:1; Features:Aluminium Foil/Polyester Tape; Impedance:65ohm RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:18; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polypropylene; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:9; Conductor Material:Copper RoHS Compliant: Yes CABLE, 8774, 9PAIR, PER M; Cores, No. of:18; Conductor make-up:7/30AWG; Area, conductor CSA:0.325mm2; Diameter, External:10.6mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:6014C RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyethylene; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Audio, Control and Instrumentation Cable; Number of Conductors:3; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Foil RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes Audio control and Instrumentation Cable Shielded; Number of Conductors:54; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100%; Number of Pairs:27 RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyethylene; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Temperature Max:60 C RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyethylene; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
12IMR25-051515-2 12IMR40-051515-2 24IMR25-051515-2 |
25...40WattDC-DCConverters 1-OUTPUT 40 W DC-DC REG PWR SUPPLY MODULE Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Conductor Material:Steel; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Jacket Color:Natural; Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:90 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.2pF/ft; Conductor Material:Steel; Jacket Color:Natural RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Capacitance:16.3pF/ft; Conductor Material:Steel; Jacket Color:Natural; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Leaded Process Compatible:Yes RoHS Compliant: Yes 25...40 Watt DC-DC Converters
|
Power-One, Inc. POWER-ONE[Power-One]
|
GT14-1.3PT GT14W-2S-HU GT14-1.1PT GT14-20_3.8-4.8P |
Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines 在天线,传感器和通信中继同轴电缆连接 SNAP LOCK CABLE MARKER - H 在天线,传感器和通信中继同轴电缆连接 Paired Cable; Number of Conductors:50; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:25; Features:Unshielded; Impedance:100ohm; Leaded Process Compatible:Yes RoHS Compliant: Yes SNAP LOCK CABLE MARKER - H SNAP LOCK CABLE MARKER - G SNAP LOCK CABLE MARKER - I Coaxial cable connection of Antennas/ Sensors/ and Communication Trunk Lines
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
SI9910 SI9910DJ SI9910DJ-T1 SI9910DY SI9910DY-T1 |
Adaptive Power MOSFET Driver1 自适应功率MOSFET Driver1 Paired Cable; Number of Conductors:24; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:12; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
MIC2211-WSBML MIC2211-1.8_3.3BML MIC2211-JYBML MIC |
Dual UCap LDO in 3mm ??3mm MLF??/span> Dual UCap LDO in 3mm 3mm MLF 双开普LDO稳压器采3mm】3mm的MLF Dual UCap LDO in 3mm 3mm MLF DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10 CAP 220PF 50V 5% C0G SMD-0805 BULK SN100 CONNECTOR ACCESSORY 115 VAC, 8 CHANNEL CON IN TRAN DIODE SWITCHING DUAL COMMON-ANODE 70V 250mA-Io 150mW 4ns-trr SOT-523 3K/REEL Multiconductor UTP Data Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:Meets ANSI/TIA/EIA-568-B.2 Standards RoHS Compliant: Yes Multiconductor UTP Data Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Approval Categories:Meets ANSI/TIA/EIA-568-B.2 Standards RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:CMP (Plenum) Rated; Features:Augmented Category 6; CMP (Plenum) Rated; Jacket Color:Yellow RoHS Compliant: Yes Multiconductor Paired UTP Data Cable; Number of Conductors:8; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material:LSPVC; Number of Pairs:4 RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Orange; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:CMP (Plenum) Rated; Features:Augmented Category 6; CMP (Plenum) Rated; Jacket Color:White RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:48; Conductor Size AWG:24; No. Strands x Strand Size:41 x 40; Jacket Material:Polyolefin; Shielding Material:Bare Copper Braid; Shielding Coverage:95%; Number of Pairs:24 RoHS Compliant: Yes Dual UCap LDO in 3mm × 3mm MLF?/a> Dual UCap LDO in 3mm 3mm MLF Dual UCap LDO in 3mm 】 3mm MLF⑩
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
AAT1152IKS-1.8-T1 AAT1152IKS-1.0-T1 AAT1152IKS-3.3 |
850kHz 1A Synchronous Buck DC/DC Converter 850kHz 1A条同步降压DC / DC转换 Paired Cable; Number of Conductors:8; Conductor Size AWG:24; Number of Pairs:4; Jacket Color:White/Black; Leaded Process Compatible:Yes; Spool Length:1000ft RoHS Compliant: Yes Triaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Material:Polyvinylchloride (PVC); Capacitance:17pF/ft; Conductor Material:Copper; Jacket Color:Black RoHS Compliant: Yes
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
11825-808 11825-818 FS6322-05 |
Paired Cable; Number of Conductors:8; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:52ohm; Temperature Max:90 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Dual-Channel Audio Cable; Number of Conductors:2; Conductor Size AWG:25; No. Strands x Strand Size:7 x 38; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Tinned Copper; Shielding Coverage:90% RoHS Compliant: Yes Three-PLL Clock Generator IC
|
AMI Semiconductor Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
UPD441000LGZ-B85X-KJH UPD441000LGZ-B85X-KKH UPD441 |
Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Brown; Approval Bodies:UL; Approval Categories:UL AWM Style 1180; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/5 Type EE RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Orange; Approval Bodies:UL; Approval Categories:UL AWM Style 1180; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/5 Type EE RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:2; Leaded Process Compatible:Yes; Voltage Nom.:600V RoHS Compliant: Yes SERVSWITCH DVI VIDEO CABLE 10 FT. SERVSWITCH DVI KVM CABLE 6 1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION 100万位CMOS静态RAM 128K的字8位扩展工作温 SERVSWITCH DVI KVM CABLE 6 100万位CMOS静态RAM 128K的字8位扩展工作温 128K X 8 STANDARD SRAM, 70 ns, PDSO32 128K X 8 STANDARD SRAM, 150 ns, PDSO32
|
NEC Corp. NEC, Corp.
|
161.54000 161.52000 161.51000 161.51500 161.47500 |
OF2-Fuse links for rated voltage up to 32 V 页用于额定电2保险丝链 TELCO 25-PAIR PVC 5 FT 2 FEMALE CONNECTORS TELCO 25-PAIR PVC 5 FT 1 MALE/1 FEMALE CONNECTOR TELCO 25-PAIR PVC 25 FT 1 FEMALE CNNCTR/1 OPEN Connector assemblies, Network cables; Paired Cable; Number of Conductors:12; Conductor Size AWG:24; No. Strands x Strand Size:41 x 40; Jacket Material:Polyolefin; Number of Pairs:6; Capacitance:26.0pF RoHS Compliant: Yes
|
Littelfuse, Inc.
|
|