PART |
Description |
Maker |
JH-141 JH-141PIN |
High Frequency Quadrature Hybrid, 1 - 2 GHz
|
M/A-COM Technology Solutions, Inc.
|
JH-140 JH-140PIN |
High Frequency Quadrature Hybrid, 500 - 1000 MHz
|
M/A-COM Technology Solutions, Inc.
|
SPW |
Special Purpose, High Frequency Load (Tubes), High Stability and Excellent High Frequency Characteristics, Particularly Suited for High Frequency Applications
|
Vishay
|
FD1500AV-90 |
MITSUBISHI HIGH-FREQUENCY RECTIFIER DIODES HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE 600 A AC/DC CLAMP-ON DMM,TRMS RoHS Compliant: NA HIGH POWER/ HIGH FREQUENCY/ PRESS PACK TYPE
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
15GN01MA12 15GN01MA-TL-E ENA1100A |
VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifi er Applications
|
Sanyo Semicon Device
|
DQS-A13 |
HIGH POWER QUADRATURE HYBRID MODEL
|
SYNERGY MICROWAVE CORPORATION
|
15GN01FA |
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
|
Sanyo Semicon Device
|
15GN01CA |
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
|
Sanyo Semicon Device
|
263371 263372 263373 263374 263375 263378 263379 2 |
Ultrasound Variable-Gain Amplifier Evaluation Kit for the MAX2039 High-Linearity, 1700MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch Quad-Channel, Ultra-Low-Noise Amplifier with Digitally Programmable Input Impedance High-Linearity, 1700MHz to 2200MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller Evaluation Kit for the MAX2016 5V, RS-232 Transceivers with 0.1µF External Capacitors Evaluation Kit for the MAX2015 8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs High-Dynamic-Range, Direct Up-/Downconversion, 750MHz to 1200MHz Quadrature Modulator/Demodulator High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator High-Linearity, 815MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs Evaluation Kit for the MAX2043 Evaluation Kit for the MAX2027 Evaluation Kit for the MAX1036 MAX2023 Evaluation Kit PHOTOLUM.WARNING STRIPS PHOTOLUM.WARNING带钢 WARNING TAPES STD.LUMINOUS
|
Panduit, Corp.
|
2SK711 |
Field Effect Transistor Silicon N Channel Junction Type High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
|
TOSHIBA
|
2SC2216 2SC2717 E000694 |
From old datasheet system TRANSISTOR (HIGH FREQUENCY, AM HIGH FREQUENCY AMPLIFIER, AM FREQUENCY CONVERTER APPLICATIONS) TRANSISTOR (TV FINAL PICTURE IF AMPLIFIER APPLICATIONS)
|
Toshiba Semiconductor
|