PART |
Description |
Maker |
SPM4M024-100 SPC8M075-006 SPC8M045-010 SPC8M030-02 |
6 A, 1000 V, 2 ohm, 6 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 130 A, 60 V, 0.006 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 120 A, 300 V, 0.035 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 40 A, 600 V, 0.18 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 350 A, 60 V, 0.003 ohm, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 30 A, 200 V, 0.075 ohm, 6 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 45 A, 100 V, 0.03 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 30 A, 200 V, 0.075 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Standard Industrial Grade MOSFET Power Modules 300 A, 100 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Sensitron Semiconductor http://
|
AM29LV010B-45RJC AM29LV010B-55JC AM29LV010B-55JE A |
A 20V Single N-Channel HEXFET Power MOSFET in a DirectFET ST Package 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package 80V Single N-Channel HEXFET Power MOSFET in a SO-8 package -40V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package 20V Dual N-Bidirectional HEXFET Power MOSFET in a 6-Lead FlipFET 30V N-Channel PowerTrench MOSFET 30VN沟道的PowerTrench MOSFET -12V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package x8闪存EEPROM 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 x8 Flash EEPROM x8闪存EEPROM
|
Toshiba, Corp. Advanced Micro Devices, Inc. Spansion, Inc.
|
IRLL024N IRLL024NPBF IRLL024NTR |
55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package HEXFET Power MOSFET(HEXFET 功率MOS场效应管) HEXFET Power MOSFET(HEXFET ???MOS?烘?搴??) 4.4 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA
|
IRF[International Rectifier]
|
SFW12955 SFW2955 |
Advenced Power MOSFET 9.4 A, 60 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-263AB Advanced Power MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IXTH36N50P IXTT36N50P IXTV36N50P IXTV36N50PS IXTQ3 |
MOSFET N-CH 500V 36A TO-247 36 A, 500 V, 0.17 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD PolarHV Power MOSFET
|
IXYS, Corp. IXYS Corporation
|
VRF152E VRF152EMP VRF152E10 |
RF MOSFET (VDMOS) for 50V operation; P(out) (W): 150; P(in) (W): 6; Gain (dB): 14; VDD (V): 50; Coss (pF): 220; Case Style: M174 VHF BAND, Si, N-CHANNEL, RF POWER, MOSFET RF POWER VERTICAL MOSFET
|
Microsemi, Corp. Microsemi Corporation
|
IXFT74N20 IXFR90N20 IXFE24N100 |
HIPERFET POWER MOSFETs 74 A, 200 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-268 90 A, 200 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET ISOPLUS247, 3 PIN Single MOSFET Die 22 A, 1000 V, 0.39 ohm, N-CHANNEL, Si, POWER, MOSFET
|
IXYS, Corp.
|
NTD18N06LT4G NTD18N06 NTD18N06L NTD18N06L-1 NTD18N |
Power MOSFET 18 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 18 Amps, 60 Volts, Logic Level N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
IRFBA22N50APBF |
24 A, 500 V, 0.23 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-273AA HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
International Rectifier
|
IRFR9214 IRFU9214 IRFRU9214 |
-250V Single P-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET Power MOSFET(Vdss=-250V, Rds(on)=3.0ohm, Id=-2.7A) HA1L-M1C53-G L6 Ovrsz ILL PB Rnd Flsh Mom SPDT 12V LED Sldr
|
IRF[International Rectifier]
|
|