PART |
Description |
Maker |
IGW03N120H2NBSP IGP03N120H2NBSP IGB03N120H2NBSP IG |
High Speed CMOS Logic Hex Non-Inverting Buffers 16-SOIC -55 to 125 高 -技 From old datasheet system HighSpeed 2-Technology IGBTs & DuoPacks - 3A 1200V HighSpeed2 IGBT TO247 IGBTs & DuoPacks - 3A 1200V HighSpeed2 IGBT TO220 IGBTs & DuoPacks - 3A 1200V HighSpeed2 IGBT D2Pak 1200V HighSpeed2 and 600V HighSpeed IGBT for switching frequency from 30kHz upwards. Focus applications: Lamp ballast, power supplies ...
|
INFINEON[Infineon Technologies AG]
|
QIQ1245001 POWEREXINC-QIQ1245001 |
Low side Chopper IGBT Module 1200V 450A IGBT / 1200V 750A Fast Diode
|
POWEREX[Powerex Power Semiconductors]
|
SGB07N120 SGP07N120 |
Fast IGBT in NPT-technology IGBTs & DuoPacks - 7A 1200V TO263AB SMD IGBT IGBTs & DuoPacks - 7A 1200V TO 220AB IGBT
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
IHW40T120 |
IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode IGBTs & DuoPacks - 40A / 1200V IGBT and 18A / 1200V Diode in DuoPack
|
Infineon Technologies AG
|
7MBP25RJ120 |
IGBT IPM R-series 1200V class 1200V / 25A 7 in one-package
|
Fuji Electric ETC[ETC] List of Unclassifed Manufacturers
|
IHW20T120 |
IGBTs & DuoPacks - 20A / 1200V IGBT and 9A / 1200V Diode in DuoPack Soft Switching Series
|
INFINEON[Infineon Technologies AG]
|
3MBI150U-120 |
IGBT Module U-Series 1200V / 150A 3 in one-package 1200V / 150A 3 in one-package 200 A, 1200 V, N-CHANNEL IGBT
|
List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc. Fuji Electric Holdings Co., Ltd.
|
NTE5705 NTE5700 NTE5702 NTE5701 NTE5703 NTE5704 |
Industrial power module. Hybrid doubler. Max repetitive peak reverse voltage Vrrm = 1200V. Industrial power module. SCR AC switch. Max repetitive peak reverse voltage Vrrm = 1200V. Industrial power module. Single phase, all SCR bridge. Max repetitive peak reverse voltage Vrrm = 1200V. Industrial power module. Single phase, hybrid bridge, common anode, freewheeling diode. Max repetitive peak reverse voltage Vrrm = 1200V.
|
NTE[NTE Electronics]
|
2MBI75S 2MBI75S-120 |
IGBT MODULE ( S-Series ) 2-Pack IGBT 1200V 2X75A IGBT模块S系列,包IGBT200X75A 5-Pin, Multiple-Input, Programmable Reset ICs 100 A, 1200 V, N-CHANNEL IGBT
|
http:// FUJI[Fuji Electric] FUJI ELECTRIC HOLDINGS CO., LTD.
|
FGL40N120ANTU |
1200V NPT IGBT; Package: TO-264; No of Pins: 3; Container: Rail 64 A, 1200 V, N-CHANNEL IGBT, TO-264AA
|
Fairchild Semiconductor, Corp.
|
STGP7NB120SD |
N-CHANNEL 7A 1200V TO-220 POWERMESH IGBT N-CHANNEL 7A - 1200V - TO-220 PowerMESH IGBT N-CHANNEL 7A - 1200V - TO-220 PowerMESH⑩ IGBT
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
20MT120UF 20MT120UFPBF |
40 A, 1200 V, N-CHANNEL IGBT MTP, 18 PIN UltraFast NPT IGBT 1200V UltraFast 10-30 kHz Full-Bridge IGBT in a MTP package
|
Vishay Semiconductors IRF[International Rectifier]
|