PART |
Description |
Maker |
HUF75639G3 HUF75639P3 HUF75639S3 HUF75639S3S HUF75 |
56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs 30V N-Channel PowerTrench MOSFET 56 A, 100 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56A/ 100V/ 0.025 Ohm/ N-Channel UltraFET Power MOSFETs 56A 100V 0.025 Ohm N-Channel UltraFET Power MOSFETs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STS2DNF30L |
N-CHANNEL 30V - 0.09 ohm - 3A SO-8 STripFETPOWER MOSFET N沟道30V 0.09欧姆-A的SO - 8 STripFET⑩功率MOSFET Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET N-CHANNEL 30V - 0.09 OHM - 3A SO-8 STRIPFET POWER MOSFET N-CHANNEL 30V - 0.09 OHM - 3A SO-8 STRIPFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HUFA76429P3 HUFA76429S3S HUFA76429S3ST |
44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFETPower MOSFETs 44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs 47 A, 60 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
STS7C4F30L |
7 A, 30 V, 0.026 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET⑩ POWER MOSFET P-CHANEL 30V - 0.027 OHM - 6A SO-8 STRIPFET II POWER MOSFET N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
S8C5H30L STS8C5H30L STS8C5H30L_07 STS8C5H30L07 |
N-channel 30V - 0.018 ohm - 8A/P-channel 30V - 0.045 ohm - 5A - SO-8 Low gate charge STripFET III MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STD30PF03L STD30PF03L-1 |
P-CHANNEL 30V 0.025 OHM 24A DPAK/IPAK STRIPFET II POWER MOSFET P-CHANNEL 30V - 0.025ohm - 24A DPAK/IPAK STripFET?/a> II POWER MOSFET P-CHANNEL 30V - 0.025ohm - 24A DPAK/IPAK STripFET II POWER MOSFET P-CHANNEL 30V - 0.025ohm - 24A DPAK/IPAK STripFET⑩ II POWER MOSFET PC 5C 5#20 PIN RECP
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
FDMS9620S |
Dual N-Channel PowerTrench? MOSFET Q1: 30V, 16A, 21.5mΩ Q2: 30V, 18A, 13mΩ Dual N-Channel PowerTrench㈢ MOSFET Q1: 30V, 16A, 21.5mヘ Q2: 30V, 18A, 13mヘ
|
Fairchild Semiconductor
|
HUF76113DK HUF76113DK8 HUF76113DK8T |
6A, 30V, 0.032 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET 6 A, 30 V, 0.041 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
Fairchild Semiconductor, Corp.
|
NDB6060L99Z |
48 A, 60 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
FAIRCHILD SEMICONDUCTOR CORP
|
FDS8858CZ |
Dual N & P-Channel PowerTrench? MOSFET N-Channel: 30V, 8.6A, 17.0mΩ P-Channel: -30V, -7.3A, 20.5mΩ Dual N & P-Channel PowerTrench㈢ MOSFET N-Channel: 30V, 8.6A, 17.0mヘ P-Channel: -30V, -7.3A, 20.5mヘ
|
Fairchild Semiconductor
|
SFF75N10/3 |
75 AMP 100 VOLTS 0.025 OHM N-Channel POWER MOSFET
|
Solid States Devices, Inc.
|
|