PART |
Description |
Maker |
ISL850331012 ISL85033IRTZ |
Wide VIN Dual Standard Buck Regulator With 3A/3A Continuous Output Current
|
Intersil Corporation
|
H1044-00471-50V10-T H1044-00104-16V10-T H1045-0010 |
1A Regulator Standard Buck PWM
|
Intersil Corporation
|
MIC4680 MIC4680-3.3BM MIC4680-5.0BM MIC4680BM |
1A 200kHz SuperSwitcher?/a> Buck Regulator Final Information 1A 200kHz SuperSwitcherTM Buck Regulator 1A 200kHz SuperSwitcher Buck Regulator Final Information From old datasheet system 1A 200kHz SuperSwitcher⑩ Buck Regulator Final Information 150000 SYSTEM GATE 2.5 VOLT FPGA - NOT RECOMMENDED for NEW DESIGN 1A 200kHz SuperSwitcherBuck Regulator Final Information PT 32C 32#20 PIN PLUG
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc.
|
UP6161 |
Single 12V Input Supply Dual Regulator Synchronous Buck PWM and Linear Regulator Controller
|
UPI
|
LT3694-1EUFDPBF LT3694-1EFEPBF LT3694-1IFEPBF LT36 |
36V, 2.6A Monolithic Buck Regulator With Dual LDO 2.6 A SWITCHING REGULATOR, 2500 kHz SWITCHING FREQ-MAX, PQCC28
|
LINEAR TECHNOLOGY CORP
|
NCP3121 |
Dual 3.0 A Non-Synchronous PWM Buck Regulator
|
ON Semiconductor
|
MMBZ52 MMBZ5235 MMBZ5250 MMBZ5243 MMBZ5256 MMBZ525 |
SURFACE MOUNT ZENER DIODES/SOT-23 2-36V Dual Comparator, Ta = -40 to 105°C - Pb-free; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000 3A, 15V, 52kHz Buck PWM Switching Regulator; Package: TO-220 5 LEAD STANDARD; No of Pins: 5; Container: Rail; Qty per Container: 50 3A, Adjustable Output Voltage 1.23 to 37V, 52kHz Buck PWM Switching Regulator; Package: 5 LEAD D2PAK; No of Pins: 5; Container: Rail; Qty per 3-36V Quad Comparator, Ta = -40 to 125°C; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500 表面贴装稳压DIODES/SOT-23 100mA, Adjustable Output 3 to 24V, LDO Voltage Regulator with 60V Load Dump Protection; Package: TO-220 5 LEAD OFFSET; No of Pins: 5; Container: Rail; Qty per Container: 50
|
JGD[Jinan Gude Electronic Device] 济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd. 娴???洪??靛??ㄤ欢??????
|
MIC24420 MIC24420YML MIC24421YML |
2.5A Dual Output PWM Synchronous Buck Regulator IC
|
Micrel Semiconductor
|
ADP5023 |
Dual 3 MHz, 800 mA Buck Regulator with One 300 mA LDO
|
Analog Devices
|
NCV8800HDW26 NCV8800SDW33R2 NCV8800 NCV8800HDW26R2 |
Synchronous Automotive Buck Regulator Synchronous Buck Regulator with 1.0 Amp Switch From old datasheet system
|
ONSEMI[ON Semiconductor]
|