PART |
Description |
Maker |
IS474 |
Linear Output Type OPIC Light Detector
|
Sharp Corporation Sharp Electrionic Components
|
IS456 |
High Speed Response Type OPIC Light Detector
|
Sharp Corporation SHARP[Sharp Electrionic Components]
|
IS438 IS437 |
BUILT - IN AMP. TYPE OPIC LIGHT DETECTOR From old datasheet system
|
Sharp Corporation SHARP[Sharp Electrionic Components]
|
IS1622 |
OPIC Light Detector for Recorder Type MD (Mini Disk) RF Signal Detection
|
Sharp Corporation SHARP[Sharp Electrionic Components]
|
IS481 IS482 |
Low Voltage Operating and High Sensitivity Type OPIC Light Detectors From old datasheet system
|
Sharp Corporation SHARP[Sharp Electrionic Components]
|
PC942 |
High Power Output Type OPIC Photocoupler
|
SHARP[Sharp Electrionic Components]
|
GP2A230LRS0F GP2A230LRSAF GP2A231LRSAF |
Snap-in type Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
|
Sharp Electrionic Components
|
GA1A1S204WP |
GA1A1S204WP OPIC Light Detector
|
Sharp Electrionic Components
|
PC400T PC400TJ0000F PC400Z PC400 PC400J00000F |
NPN-OUTPUT AC-INPUT OPTOCOUPLER,1-CHANNEL,3.7KV ISOLATION,SO From old datasheet system Compact, Surface Mount Type OPIC Photocoupler
|
Sharp Corp Sharp Microelectronics of the Americas Sharp Electrionic Components Sharp Electrionic Component...
|
ISPPAC-CLK5510V-01T48C ISPPAC-CLK5510V-01T48I ISPP |
LED Area Light; Forward Current:300mA; Operating Temperature Range:0 C to 50 C; LED Color:Red; Leaded Process Compatible:No; Light Emitting Area:80x80mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA LED Area Light; LED Color:Blue; Leaded Process Compatible:No; Light Emitting Area:62x62mm; Peak Reflow Compatible (260 C):No; Supply Current:200mA; Supply Voltage:24VDC; Wavelength:470nm Backlight LED; Color:Infrared; Digit/Alpha Height:85mm; Forward Current:500mA; Operating Temperature Range:0 C to 50 C; Leaded Process Compatible:No; Light Emitting Area:85x220mm; Peak Reflow Compatible (260 C):No LED Area Light; LED Color:Infrared; Leaded Process Compatible:No; Light Emitting Area:62x62mm; Peak Reflow Compatible (260 C):No; Supply Current:150mA; Supply Voltage:24VDC; Wavelength:940nm Linear Array Light; LED Color:Green; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:1.6A; Supply Voltage:24VDC; Wavelength:530nm Linear Array Light; LED Color:Blue; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:800mA; Supply Voltage:24VDC; Wavelength:470nm 5500 SERIES, PLL BASED CLOCK DRIVER, 20 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP100 In-System Programmable Clock Generator with Universal Fan-Out Buffer 5500 SERIES, PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP48
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
BH1600FVC10 BH1600FVC |
Analog Current Output Type Ambient Light Sensor IC
|
Rohm
|
BH1680FVC-E BH1680FVC-TR |
Analog Current Output Type Ambient Light Sensor IC
|
Rohm
|