PART |
Description |
Maker |
AB28F200BR-T80 A28F200BR-TB A28F200BR-B AB28F200BR |
2-MBIT (128K X 16. 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY JT 42C 42#22 PIN RECP 2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K X 16/ 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 2-Mbit (128K x 16, 256K x 8) SmartVoltage boot block flash memory. Access speed 80 ns
|
Intel Corp.
|
28F200BV-TB 28F002BV-T 28F200CV-T 28F200CV-B 28F20 |
2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Evaluation Kit for the MAX606, MAX607 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 2兆位SmartVoltage启动块闪存系
|
Intel Corporation Intel Corp. Intel, Corp. KOA Speer Electronics,Inc. http://
|
28F200CV-B 28F200BV-T 28F200CV-T PA28F400CV-T80 28 |
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY USB 2.0 Cables; Connector Type A:USB Type A Male; Connector Type B:USB Type B Male; Cable Length:10ft; Approval Bodies:UR, CSA; Contact Material:Platinum; Wire Size (AWG):28-24 POWERLINE: RP30-S_DEW - 4:1 Wide Input Voltage Range- 30 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- International Safety Standard Approvals- Standard 50.8 x40.6x10.2mm Package- Efficiency to 88% POWERLINE: RP40-S_D_TE - 2:1 Wide Input Voltage Range- 40 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- Design Meet Safety Standard- Standard 76.2 x66.0x10.2mm Package- Efficiency to 90% LAMP FILAMENT 14V 16MM SWITCH OPERATOR RECT 1 OR 2 POLE 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 2兆位SmartVoltage启动块闪存系 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 8 FLASH 5V PROM, 110 ns, PDSO48 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 512K X 8 FLASH 5V PROM, 110 ns, PDSO48 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 1M X 8 FLASH 5V PROM, 60 ns, PDSO48
|
Intel Corporation http:// Intel Corp. Intel, Corp.
|
IS28F020BVT-80TI IS28F020BL IS28F020BLV IS28F020BV |
262,144 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
|
ISSI[Integrated Silicon Solution, Inc]
|
A28F400BR- A28F400BR-TB |
4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
|
INTEL[Intel Corporation]
|
A28F200BR-TB AB28F200BR-T80 |
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
|
INTEL[Intel Corporation]
|
IS28F020BVB-120T IS28F020BVB-120TI IS28F020BVT-120 |
262,144 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY ** MISC CRYSTALS ** CRYSTAL 9.8304MHZ 20PF SMD G1 NON-802.15.4 2.4GHZ 262,144 × 8 SmartVoltage引导块闪
|
Integrated Silicon Solution, Inc.
|
LH28F400BG-TL85 LH28F400BG-L85 LH28F400BG LH28F400 |
4M-BIT (256 x 16) SmartVoltage Flash Memory 4M-BIT (256KB x16) SmartVoltage Flash MEMORY 4M-BIT(256KBx16) SmartVoltage Flash MEMORY 4M-BIT (256K x 16)Smart Voltage Flash Memory
|
SHARP[Sharp Electrionic Components]
|
E28F004SC-85 28F008SC 28F016SC G28F008SC-150 G28F0 |
BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4/ 8/ AND 16 MBIT BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4 / 8 / AND 16 MBIT 8-MBIT SmartVoltage FlashFile Memory(8M位智能电压闪速存储器) 16-MBIT SmartVoltage FlashFile Memory(16M位智能电压闪速存储器) BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 3.3V PROM, 85 ns, PDSO44 BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 字节宽SmartVoltage FlashFile Memory系列486兆比 BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 3.3V PROM, 120 ns, PDSO44 BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 3.3V PROM, 100 ns, PDSO44 BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 2M X 8 FLASH 3.3V PROM, 120 ns, PDSO44
|
Intel Corporation Intel Corp. Intel, Corp.
|
LH28F002SCH LH28F002SCH-L LH28F002SCN-L12 LH28F002 |
2-MBIT (256KB x 8) smart voltage flash memory 2-MBIT(256KBx8) SmartVoltage Flash MEMORY 2-MBIT (256 KB x 8) SmartVoltage Flash Memory
|
Sharp Electrionic Components
|
28F016SC G28F016SC-150 G28F008SC-150 TE28F008SC-10 |
BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4/ 8/ AND 16 MBIT
|
Intel
|