PART |
Description |
Maker |
IRFR2905ZPBF IRFU2905ZPBF |
HEXFET? Power MOSFET ( VDSS = 55V , RDS(on) = 14.5mΩ , ID = 42A ) HEXFET垄莽 Power MOSFET ( VDSS = 55V , RDS(on) = 14.5m楼? , ID = 42A ) HEXFET㈢ Power MOSFET ( VDSS = 55V , RDS(on) = 14.5mヘ , ID = 42A )
|
International Rectifier
|
IRF9Z34N IRF9Z34NPBF |
Power MOSFET(Vdss=-55V/ Rds(on)=0.10ohm/ Id=-19A) Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A) -55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|
IRFL024 IRFL024N IRFL024NTRPBF IRFL024NTR |
Surface Mount Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V Rds(on)=0.075ohm Id=2.8A) N-Channel HEXFET Power MOSFET(N沟道 HEXFET 功率MOS场效应管) Advanced Process Technology
|
IRF[International Rectifier]
|
IRFZ44ZSPBF IRFZ44ZPBF IRFZ44ZLPBF |
HEXFET? Power MOSFET ( VDSS = 55V , RDS(on) = 13.9mΩ , ID = 51A ) HEXFET㈢ Power MOSFET ( VDSS = 55V , RDS(on) = 13.9mヘ , ID = 51A )
|
International Rectifier
|
IRFZ44N IRFZ44 IRFZ44NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=55V, Rds(on)=17.5mohm, Id=49A)
|
IRF[International Rectifier]
|
IRFZ24N IRFZ24NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
|
IRF[International Rectifier]
|
IRF5M4905 IRF5M4B905 |
Avalanche Energy Ratings THRU-HOLE (TO-254AA) 55V, P-CHANNEL POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.03ohm, Id=-35A*)
|
International Rectifier
|
IRFZ24L IRFZ24NS IRFZ24NSTRR IRFZ24NSTRL IRFZ24NL |
(159.21 k) 59.21十一 Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A) 功率MOSFET(减振钢板基本\u003d 55V的,的Rds(on)\u003d 0.07ohm,身份证\u003d 17A条) 55V,17A,N-Channel HEXFET Power MOSFET(55V,17A,N沟道 HEXFET功率MOS场效应管) 55V的,17A条,N沟道HEXFET功率MOSFET5V的,17A条,沟道的HEXFET功率马鞍山场效应管) 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFU024N IRFU024NPBF IRFR024N IRFR024NPBF IRFR024N |
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=17A?? Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=17A) 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier
|
IRFRU1205 IRFU1205 IRFR1205 IRFR1205TRR INTERNATIO |
(IRFR1205 / IRFU1205) Power MOSFET 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=55V, Rds(on)=0.027ohm, Id=44A)
|
International Rectifier
|
IRF1010NL IRF1010NS IRF1010NSTRR IRF1010NSPBF IRF1 |
55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss = 55 V/ Rds(on)=11mohm/ Id=85A) Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A) Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A?) Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A?
|
IRF[International Rectifier]
|