PART |
Description |
Maker |
IRLL024N IRLL024NPBF IRLL024NTR |
55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package HEXFET Power MOSFET(HEXFET 功率MOS场效应管) HEXFET Power MOSFET(HEXFET ???MOS?烘?搴??) 4.4 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA
|
IRF[International Rectifier]
|
E142-SERIES M342-SERIES T242-SERIES X242-SERIES E2 |
Transient Voltage Suppressor Diodes 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3910 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7862PBF with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2203NS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB260N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9410 with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR4343 with Standard Packaging Peripheral IC 外围芯片
|
Bourns, Inc. Hoffman TOKO, Inc.
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
AM29F400AB-150FEB AM29F400AT-150FE AM29F400AT-150S |
55V Single N-Channel HEXFET Power MOSFET in a D2Pak Package; A IRF3205ZS with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB3307 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1010ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF1010Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3707 with Standard Packaging x8/x16 Flash EEPROM 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF1407 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU120N with Standard Packaging x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
AM29F400B-75FC AM29F400B-75SC AM29F400B-75EC AM29F |
60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package; Similar to IRFP064V with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ24N with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU120N with Lead Free Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1010EL with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3710ZS with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFZ46NL with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to the IRF1010N with Lead-Free Packaging. 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3709 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7466 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3412 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2505S with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3911 with Lead Free Packaging 40V Single N-Channel Automotive HEXFET Power MOSFET in a TO-220AB package; Similar to IRF4104 with Lead Free Packaging x8/x16闪存EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRLR3303 with Lead Free Packaging x8/x16闪存EEPROM x8/x16 Flash EEPROM x8/x16闪存EEPROM 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRLZ24N with Standard Packaging x8/x16闪存EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRLR7821 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF3707ZCL with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRL8113L with Lead Free Packaging 40V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7484 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU3910 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3910 with Lead Free Packaging 80V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRLR2908 with Lead Free Packaging
|
Rochester Electronics, LLC Amphenol, Corp. Advanced Micro Devices, Inc.
|
PSX96B-133MQ160 PSX160-80PQ240 PSX160-66PQ240 PSX1 |
-55V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU9024NCPBF with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220 Full-Pak package; Similar to IRLIB9343 with Lead Free Packaging User Programmable Special Function ASIC -150V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF6217 with Standard Packaging -30V P-Channel HEXFET Power MOSFET in a LeadFree SO-8 -package; A IRF7416QPBF with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7425 with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7425 with Lead-Free Packaging. -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR9343 with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR9024N with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR5505 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR5305 with Lead Free Packaging 用户可编程ASIC的特殊功 -20V Single P-Channel HEXFET Power MOSFET in a 4-Lead FlipFET package; A IRF6100 with Standard Packaging 用户可编程ASIC的特殊功 -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7207 with Lead Free Packaging 用户可编程ASIC的特殊功 -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF4905S with Standard Packaging 用户可编程ASIC的特殊功
|
ITT, Corp. Ironwood Electronics
|
IRFIZ34E IRFIZ34EPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.042ohm, Id=21A)
|
IRF[International Rectifier]
|
IRCZ44 |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Hexfet? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
|
IRF[International Rectifier]
|
IRFIZ24N IRFIZ24NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=14A)
|
IRF[International Rectifier]
|
IRLBA3803 IRLBA3803-P IRLBA3803/P IRLBA3803PPBF IR |
30V Single N-Channel HEXFET Power MOSFET in a Super 220 (TO-273AA) package 30V的单个N -沟道HEXFET功率MOSFET的在超级220(到273AA)封 HEXFET? Power MOSFET
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRLI3803 2315 |
30V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET From old datasheet system
|
IRF[International Rectifier]
|