PART |
Description |
Maker |
IRG4BC40WS IRG4BC40WL |
600V Warp 60-150 kHz Discrete IGBT in a TO-262 package 600V Warp 60-150 kHz Discrete IGBT in a D2Pak package INSULATED GATE BIPOLAR TRANSISTOR
|
IRF[International Rectifier]
|
IRG4BC30W |
600V Warp 60-150 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.70V, @Vge=15V, Ic=12A)
|
IRF[International Rectifier]
|
IRG4IBC20W |
600V Warp 60-150 kHz Discrete IGBT in a TO-220 FullPak package INSULATED GATE BIPOLAR TRANSISTOR
|
IRF[International Rectifier]
|
IRG4BC20WS IRG4BC20W-S IRG4BC20W-STRR IRG4BC20W-ST |
600V Warp 60-150 kHz Discrete IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.16V, @Vge=15V, Ic=6.5A) TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 13A I(C) | TO-263AB
|
IRF[International Rectifier]
|
IRG4BC20KS IRG4BC20K-S |
600V UltraFast 8-25 kHz Discrete IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A)
|
IRF[International Rectifier]
|
IRG4BC20S |
600V DC-1 kHz (Standard) Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=10A)
|
IRF[International Rectifier]
|
IRG4BC40U |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
|
International Rectifier
|
IRG4BC30U-SPBF |
600V UltraFast 8-60 kHz Discrete IGBT in a D2-Pak package
|
International Rectifier
|
AUIRG4BC30U-S |
600V Automotive UltraFast 8-60 kHz Discrete IGBT in a D2-Pak package
|
International Rectifier
|
IRG4BC30S |
600V DC-1 kHz (Standard) Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A) 绝缘栅双极晶体管(VCES和\u003d 600V电压的Vce(on)典\u003d.4V,@和VGE \u003d 15V的,集成电路\u003d 18A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
8ETH06 8ETH06-1 8ETH06F 8ETH06FP 8ETH06S |
600V 8A HyperFast Discrete Diode in a D2-Pak (UltraFast) package 600V 8A Hyperfast Discrete Diode in a TO-220 FullPack package 600V 8A HyperFast Discrete Diode in a TO-262 package Hyperfast Rectifier
|
IRF[International Rectifier]
|