PART |
Description |
Maker |
IRG4BC20FD IRG4BC20FDPBF |
600V Fast 1-8 kHz Copack IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
|
International Rectifier IRF
|
IRG4PC40FD IRG4PC40 IRG4PC40FDPBF |
600V Fast 1-8 kHz Copack IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.50V, @Vge=15V, Ic=27A)
|
IRF[International Rectifier]
|
IRG4BC15MD |
600V Fast 1-8 kHz Copack IGBT in a TO-220AB package
|
International Rectifier
|
IRG4RC20FTR IRG4RC20FTRL IRG4RC20FTRR |
600V Fast 1-8 kHz Single IGBT in a D-Pak package
|
International Rectifier
|
IRG4BC20MD IRG4BC20MDPBF |
600V Fast 1-8 kHz Copack IGBT in a TO-220AB package
|
International Rectifier
|
IRG4BC30FD |
600V Fast 1-8 kHz Copack IGBT in a TO-220AB package
|
International Rectifier
|
IRG4BC20F |
600V Fast 1-8 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A) 绝缘栅双极晶体管VCES和\u003d 600V电压的Vce(on)典\u003d 1.66V,@和VGE \u003d 15V的,集成电路\u003d 9.0,9.0
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRG4PC30S IRG4PC30SPBF |
600V DC-1 kHz (Standard) Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A)
|
IRF[International Rectifier]
|
IRG4BC40U |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
|
International Rectifier
|
IRG4BC29F IRG4BC30F IRG4BC30 |
600V Fast 1-8 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A) 绝缘栅双极晶体管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.59V,@和VGE \u003d 15V的,集成电路\u003d 17A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRG4BC30W |
600V Warp 60-150 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.70V, @Vge=15V, Ic=12A)
|
IRF[International Rectifier]
|