PART |
Description |
Maker |
IRLI530G IRLI530GPBF |
100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16惟 , ID=9.7A ) HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16Ω , ID=9.7A )
|
International Rectifier
|
E142-SERIES M342-SERIES T242-SERIES X242-SERIES E2 |
Transient Voltage Suppressor Diodes 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3910 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7862PBF with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2203NS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB260N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9410 with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR4343 with Standard Packaging Peripheral IC 外围芯片
|
Bourns, Inc. Hoffman TOKO, Inc.
|
IRFR5505 IRFU5055 IRFU5505 IRFRU5505 IRFR5505PBF I |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A) HEXFET? Power MOSFET
|
IRF[International Rectifier] http://
|
IRFR120N IRFU120N IRFR IRFR120NTR IRFR120NTRL IRFR |
Power MOSFET(Vdss=100V, Rds(on)=0.21ohm, Id=9.4A) (IRFR120N / IRFU120N) HEXFET Power MOSFET HEXFET® Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package 9.1 A, 100 V, 0.21 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
IRF[International Rectifier]
|
IRLZ24NL IRLZ24NSTRR IRLZ24NSTRL |
55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package HEXFET Power MOSFET(HEXFET 功率MOS场效应管) HEXFET功率MOSFET(马鞍山的HEXFET功率场效应管
|
International Rectifier Fairchild Semiconductor, Corp.
|
IRLS3034PBF IRLSL3034PBF IRLS3034TRLPBF IRLS3034PB |
HEXFET Power MOSFET 195 A, 40 V, 0.0017 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA HEXFETPower MOSFET High Efficiency Synchronous Rectification in SMPS
|
International Rectifier
|
IRF6215L IRF6215S |
-150V Single P-Channel HEXFET Power MOSFET in a TO-262 package - 150伏单P沟道HEXFET功率MOSFET的采用TO - 262封装 HEXFET? Power MOSFET
|
International Rectifier, Corp.
|
IRLI3705N IRLI3705 |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET
|
IRF[International Rectifier]
|
PST593DM PST592C PST592CM PST591JM PST591H PST591H |
30V FETKY - MOSFET and Schottky Diode in a SO-8 package; Similar to IRF7901D1 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a TSSOP-8 package; A IRF7752 with Standard Packaging 20V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7301 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7303 with Lead Free Packaging 200V Dual N-Channel Digital Audio HEXFET Power MOSFET in a TO-220 Full-Pak(Iso) package.; A IRFI4020H-117P with Standard Packaging 电压检测器 Voltage Detector 电压检测器 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9956 with Standard Packaging 电压检测器 30V Dual N- and P- Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF9952 with Lead Free Packaging 电压检测器
|
NXP Semiconductors N.V. Intersil, Corp.
|