PART |
Description |
Maker |
AM29F400AB-150FEB AM29F400AT-150FE AM29F400AT-150S |
55V Single N-Channel HEXFET Power MOSFET in a D2Pak Package; A IRF3205ZS with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB3307 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1010ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF1010Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3707 with Standard Packaging x8/x16 Flash EEPROM 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF1407 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU120N with Standard Packaging x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IRFL4310 IRFL4310TR |
HEXFET? Power MOSFET 1.6 A, 100 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A) 100V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
IRF9530NSTRR IRF9530NL IRF9530NSTRL |
-100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package -100V Single P-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
IRF9540NL IRF9540NS IRF9540NSTRL |
-100V Single P-Channel HEXFET Power MOSFET in a TO-262 package -100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRL540NSTRR IRL540NL |
100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
PB-IRF540ZL IRF540ZSTRL IRF540ZSTRR |
Leaded 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package Leaded 100V Single N-Channel HEXFET Power MOSFET in a D2Pak package
|
International Rectifier
|
PB-IRF3710ZL IRF3710ZSTRL |
Leaded 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package Leaded 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRLB4030PBF |
100V Single N-Channel HEXFET Power MOSFET
|
International Rectifier
|
IRF7490 IRF7490TR |
100V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
IRF[International Rectifier]
|
IRFI9530G IRFI9530GPBF |
-100V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=-100V, Rds(on)=0.30ohm, Id=-7.7A)
|
IRF[International Rectifier]
|
IRFE120 JANTX2N6788U |
100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package HEXFET?TRANSISTORS HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
|
IRF[International Rectifier]
|