PART |
Description |
Maker |
PST9346U PST9319U PST9342U PST9339U PST9338U PST93 |
-40V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7241 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR9024NCPBF with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF9Z24NS with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a Micro 3 package; A IRLML6402 with Tape and Reel Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF5305 with Standard Packaging Voltage Detector 电压检测器 -12V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7220 with Standard Packaging 电压检测器 -30V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7406 with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU9120N with Standard Packaging
|
Maxim Integrated Products, Inc.
|
IRF7601 IRF7601TR |
20V Single N-Channel HEXFET Power MOSFET in a Micro 8 package Power MOSFET(Vdss=20V, Rds(on)=0.035ohm) Power MOSFET(Vdss=20V/ Rds(on)=0.035ohm) N-Channel HEXFET Power MOSFET(N沟道 HEXFET 功率MOS场效应管) N沟道HEXFET功率MOSFET的(不适用沟道的HEXFET功率马鞍山场效应管) N-Channel HEXFET Power MOSFET(N娌?? HEXFET ???MOS?烘?搴??)
|
International Rectifier, Corp.
|
IRLI530G IRLI530GPBF |
100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16惟 , ID=9.7A ) HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16Ω , ID=9.7A )
|
International Rectifier
|
IRF7475 |
HEXFET Power MOSFET Selection for Non-Isolated DC/DC Converters From old datasheet system 12V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
IRF[International Rectifier]
|
IRLI540G |
100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET
|
IRF[International Rectifier]
|
IRFI1310G |
100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET
|
International Rectifier
|
IRF6215L IRF6215S |
-150V Single P-Channel HEXFET Power MOSFET in a TO-262 package - 150伏单P沟道HEXFET功率MOSFET的采用TO - 262封装 HEXFET? Power MOSFET
|
International Rectifier, Corp.
|
IRFI9540G |
-100V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET
|
International Rectifier
|
IRLI3705N IRLI3705 |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET
|
IRF[International Rectifier]
|
IRFZ44L IRFZ44S IRFZ44STRL IRFZ44STRR |
60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package (IRFZ44L / IRFZ44S) HEXFET Power MOSFET
|
IRF[International Rectifier]
|
IRFS9N60A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package HEXFET? Power MOSFET SMPS MOSFET
|
Fairchild Semiconductor International Rectifier
|
IRFBL10N60A |
N-Channel SMPS MOSFET(N娌?? 寮??妯″??垫?MOS?烘?搴??,?ㄤ?楂????C-DC杞???? HEXFET Power MOSFET HEXFET? Power MOSFET 11 A, 600 V, 0.61 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 11A I(D) | TO-263VAR
|
IRF[International Rectifier] VISHAY SILICONIX
|