PART |
Description |
Maker |
SC1531ACSTR SC1531CSTR SC1531 SC1531A SC1531ACS.TR |
200 mA & 250 mA smart LDOs 200mA & 500mA SmartLDOs 200mA & 250mA SmartLDOs 250mA SmartLDOs(250mA SmartLDOs线性稳压器) 200mA SmartLDOs(200mA SmartLDOs线性稳压器)
|
SEMTECH[Semtech Corporation]
|
376 |
DIODE SCHOTTKY DUAL-DUAL SERIES 30V 200mW 0.38V-vf 200mA-IFM 1mA-IF 0.2uA-IR SOT-363 3K/REEL
|
Intel Corp.
|
CIL148C CIL148A CIL148B CIL476 CIL768 CIL769 CIL61 |
TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 200MA I(C) | TO-105 TRANSISTOR | BJT | NPN | 12V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 200MA I(C) | TO-106 晶体管|晶体管|叩| 60V的五(巴西)总裁| 200mA的一(c)|06 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 200MA I(C) | TO-106 晶体管|晶体管|叩| 45V的五(巴西)总裁| 200mA的一(c)|06 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 32V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 200MA I(C) | TO-106
|
Electronic Theatre Controls, Inc.
|
CMKT3920 |
SURFACE MOUNT SILICON DUAL, SMALL SIGNAL NPN SWITCHING TRANSISTOR 50V, 200mA Dual, NPN Transistors in SOT-363 package
|
Central Semiconductor Corp
|
CS8361YDWF16G CS8361YDWFR16G CS8361YDPS7G CS8361YD |
5.0V/100mA & Tracker/200mA Dual LDO w/ Enable and Reset; Package: SO-16 WB; No of Pins: 16; Container: Rail; Qty per Container: 47 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO16 5.0V/100mA & Tracker/200mA Dual LDO w/ Enable and Reset; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO16 5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
|
ON Semiconductor
|
CM3511 |
Dual USB Overcurrent Switch 1.2A (VCC) / 200mA (VSBY)
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
EV8042DF-00C |
High Current, Dual Channel Power Half-Bridge Evaluation Board
|
Monolithic Power System...
|
MIC5388-M4YCS MIC5388-G4YCS MIC5388-MGYCS MIC5388- |
Dual 200mA Peak LDO in Wafer Level Chip Scale Package
|
Micrel Semiconductor
|
CY7C65215-32LTXI |
CY7C65215 - USB-Serial Dual Channel (UART/I2C/SPI) Bridge with CapSenseand BCD
|
Cypress
|
RT918208 RT9182GPES RT9182DPES RT9182BPES RT9182IG |
Dual, Low-Noise, 200mA LDO Regulator Dual, Low-Noise, 200mA LDO Regulator
|
Richtek Technology Corporation Richtek Technology Corporat... Richtek Technology Corp...
|
LA6575H |
Operational Amplifiers: BTL: 4ch, H-bridge: 1ch 5-Channel Driver for MD and CD Player Five-Channel Driver (four BTL channels plus one H bridge channel) for MD and CD Player 五通道驱动器(4桥接单声道,外加)的MDCD一个H桥通道播放
|
Sanyo Semicon Device Sanyo Electric Co., Ltd.
|
FDD8426H |
40V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench垄莽 MOSFET N-Channel: 40 V, 12 A, 12 m楼? P-Channel: -40 V, -10 A, 17 m楼? Dual N & P-Channel PowerTrench? MOSFET N-Channel: 40 V, 12 A, 12 mΩ P-Channel: -40 V, -10 A, 17 mΩ
|
Fairchild Semiconductor
|