PART |
Description |
Maker |
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
AMS2954 AMS2954CT-X AMS2954AC-25 AMS2954AC-30 AMS2 |
5.0V 250mA low dropout voltage regulator 2.5V 250mA low dropout voltage regulator ; Resistance Min:1000ohm; Resistance Tolerance: /- 2 %; Series:JHE; Adjustment Type:Knob; Axis Configuration:Three; Body Height:4.97cm; Body Length:16.9cm; Body Width:15.6cm; Mechanical Angle/Rotation:18 Octal Non-Inverting Bus Transceivers with 3-State Outputs 20-SOIC -55 to 125 24-Bit ADC, 4 Ch, PGA 1:128, 50/60 Hz Notch, 0.6 mW Power Consumption 16-TSSOP -40 to 85 Octal Non-Inverting Bus Transceivers with 3-State Outputs 20-PDIP -55 to 125 Octal Non-Inverting Buffers/Line Drivers with 3-State Outputs 20-SSOP -55 to 125 250mA LOW DROPOUT VOLTAGE REGULATOR 250mA的低压差稳压 3.5V 250mA low dropout voltage regulator
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc. Advanced Monolithic Sys...
|
MM74C240 MM74C244 MM74C244WM MM74C240N MM74C240WM |
Inverting • Non-Inverting Octal Buffer and From old datasheet system Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74ABT620PWDH 74ABT620D 74ABT620DB 74ABT620N 74ABT6 |
Octal transceiver with dual enable, inverting (3-State) From old datasheet system Octal transceiver with dual enable, inverting 3-State Hex D-Type Flip-Flop With Clear 16-SOIC 0 to 70 Octal transceiver with dual enable/ inverting 3-State
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
M74HC620 M74HC620B1R M74HC620M1R M74HC620RM13TR M7 |
OCTAL BUS TRANSCEIVER (3 STATE INVERTING) OCTAL BUS TRANSCEIVER (3 STATE INVERTING)
|
ST Microelectronics STMicroelectronics
|
MC74HC640A |
Octal 3-State Inverting Bus Transceiver
|
Motorola, Inc
|
IN74AC640 IN74AC640DW IN74AC640N |
Octal 3-State Inverting Bus Transceiver
|
INTEGRAL Semiconductor Devices Integral Corp.
|
M74HC245TTR -M74HC245TTR |
OCTAL BUS TRANSCEIVER (3-STATE NON INVERTING)
|
ST Microelectronics
|
MC54HC640AJ |
Octal 3-State Inverting Bus Transeceiver
|
Motorola
|
74HC643 74HCT643 74HC643N |
Octal bus transceiver 3-state true/inverting Octal bus transceiver; 3-state; true/inverting
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
U74LVC640 U74LVC640G-P20-R |
OCTAL BUS TRANSCEIVER WITH 3-STATE INVERTING OUTPUTS
|
Unisonic Technologies
|
HCS245MS |
Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
|
INTERSIL[Intersil Corporation]
|