PART |
Description |
Maker |
IMS15 24IMS15-0503-9R 24IMS15-05-05-9 24IMS15-05-9 |
15WattDC-DCConverters 2-OUTPUT 15 W DC-DC REG PWR SUPPLY MODULE 15 Watt DC-DC Converters
|
Power-One, Inc. POWER-ONE[Power-One] http://
|
IMX15 40IMX15-24-24-9 110IMY15-03-9RG 110IMY15-050 |
15 Watt, input voltage range:50-150V output voltage 5V (3500mA) DC/DC converter 15WattDC-DCConverters 15 Watt DC-DC Converters 1-OUTPUT 14.9 W DC-DC REG PWR SUPPLY MODULE
|
POWER-ONE[Power-One] POWER-ONE INC
|
WRB2412YDK-3W WRB4815YDK-3W WRB2403YDK-3W WRB1212Y |
3W,Wide Input,ISOLATED®ULATEDSINGLEOUTPUT DC/DCConverters
|
Microdc power Technology Co., Ltd Microdc power Technolog...
|
WRA-YGD-2W |
2W,Wide InputRange SMD,Dual/SingleOutputDC/DCConverters
|
Microdc power Technology Co., Ltd
|
PM30-48S05 PM30-12S15 PM30-12S12 PM30-12D12 |
1-OUTP 1-OUTPUT 30 W DC-DC REG PWR SUPPLY MODULE 2-OUTPUT 30 W DC-DC REG PWR SUPPLY MODULE
|
|
IMO 24IMO6-03-2 24IMO6-0505-2 24IMO6-05-2 24IMO6-1 |
6 Watt DC-DC Converters 6WattDC-DCConverters GT 6C 6#16S SKT PLUG GT 4C 4#16S SKT PLUG GT 4C 4#16S PIN PLUG GT 3C 3#16S PIN PLUG GT 6C 6#16S PIN PLUG GT 7C 7#16S SKT PLUG GT 3C 3#16S SKT PLUG 6瓦的DC - DC转换
|
POWER-ONE[Power-One]
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
12H1601-2R 24H1601-2R 48H1601-2R 24H2320-2 48H3040 |
50WattDC-DCConverters Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:3; Features:Aluminium Foil/Polyester Tape; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:5; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:4; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:5; Leaded Process Compatible:Yes; Features:Aluminium Foil/Polyester Tape RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:4; Leaded Process Compatible:Yes; Features:Aluminium Foil/Polyester Tape RoHS Compliant: Yes CAP, 100PF 50V 10% X7R, 0603 SMD,CAP,CERA,0.01UF,0603 50V, X7R, 10% Paired, Cable, Number Of Pairs 2 RoHS Compliant: Yes 50瓦的DC - DC转换 50 Watt DC-DC Converters 50瓦的DC - DC转换 Paired Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Number of Pairs:1; Features:Unshielded; Impedance:72ohm; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes
|
http:// POWER-ONE[Power-One] Jameco Electronics
|
12IMR15-051515-2 24IMR15-051515-2 48IMR15-051515-2 |
Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.2pF/ft; Conductor Material:Steel; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.2pF/ft; Conductor Material:Steel; Jacket Color:Black RoHS Compliant: Yes BANANA JACK, PANEL MOUNT, TIN PLATED, 10 PCS TEST LEAD HOLDERTEST LEAD HOLDER; Colour:Orange; Diameter, external:5.33mm Low-Smoke Zero-Halogen (LSZH) Shipboard Precision Broadband CATV Series 6 Coaxial Cable; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Low Smoke Zero Halogen RoHS Compliant: Yes Belden RG-59/U Coax Cable, Wire Size: 20 AWG, Color: Black, Length: 1000 feet, Conductor Material: Bare Copper, Shielding: 40 % Aluminum Braid, Jacket: PVC Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:FEP; Conductor Material:Steel; Leaded Process Compatible:Yes RoHS Compliant: Yes BELDEN RG-6/U CABLE, WIRE SIZE: 18 AWG, LENGTH: 1000 FEET, IMPEDANCE: 75 OHM, OUTER DIAMETER: .27 , COLOR: WHITE, JACKET: PVC, FEATURES: 60 % ALUMINUM BRAID, 100 % SHIELD COVERAGE Belden RG-6/U Cable, Wire Size: 18 AWG, Length: 500 feet, Impedance: 75 Ohm, Outer Diameter: .27 , Color: Black, Jacket: PVC, Features: 60 % aluminum braid, 100 % shield coverage Belden RG-6/U Cable, Wire Size: 18 AWG, Length: 1000 feet, Impedance: 75 Ohm, Outer Diameter: .27 , Color: Black, Jacket: PVC, Features: 60 % aluminum braid, 100 % shield coverage 3...15 Watt DC-DC Converter 3 ... 15瓦的DC - DC转换 CB 11C 11#16 PIN RECP BOX 3 ... 15瓦的DC - DC转换 3...15WattDC-DCConverter
|
POWER-ONE[Power-One] TE Connectivity, Ltd.
|